Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603T-180I/OS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1603T-180I/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603T-180I/OS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1603T-180I/OS Datasheet HTML 12Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 13Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 14Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 15Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 16Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 17Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 18Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 19Page - Microchip Technology MCP1603T-180I/OS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP1603/B/L
DS22042B-page 16
 2007-2012 Microchip Technology Inc.
4.3
Soft Start
The output of the MCP1603 is controlled during start-
up. This control allows for a very minimal amount of
VOUT overshoot during start-up from VIN rising above
the UVLO voltage or SHDN being enabled.
4.4
Overtemperature Protection
Overtemperature protection circuitry is integrated in the
MCP1603/B/L device family. This circuitry monitors the
device junction temperature and shuts the device off, if
the junction temperature exceeds the typical +150°C
threshold. If this threshold is exceeded, the device will
automatically restart once the junction temperature
drops by approximately 10°C. The soft start is reset
during an overtemperture condition.
4.5
Overcurrent Protection
Cycle-by-cycle current limiting is used to protect the
MCP1603/B/L device family from being damaged when
an external short circuit is applied. The typical peak
current limit is 860 mA. If the sensed current reaches
the 860 mA limit, the P-Channel MOSFET is turned off,
even if the output voltage is not in regulation. The
device will attempt to start a new switching cycle when
the internal oscillator sets the internal RS latch.
4.6
Enable/Disable Control
The SHDN pin is used to enable or disable the
MCP1603/B/L. When the SHDN pin is pulled low, the
device is disabled. When pulled high, the device is
enabled and begins operation, unless the input voltage
is below the UVLO threshold or a fault condition exists.
4.7
Undervoltage Lockout (UVLO)
The UVLO feature uses a comparator to sense the
input voltage (VIN) level. If the input voltage is lower
than the voltage necessary to properly operate the
MCP1603, the UVLO feature will hold the converter off.
When VIN rises above the necessary input voltage, the
UVLO is released and soft start begins. Hysteresis is
built into the UVLO circuit to compensate for input
impedance. For example, if there is any resistance
between the input voltage source and the device when
it is operating, there will be a voltage drop at the input
to the device equal to IIN xRIN. The typical hysteresis
is 140 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com