Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603LT-250I/OS Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1603LT-250I/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603LT-250I/OS Datasheet(HTML) 2 Page - Microchip Technology

  MCP1603LT-250I/OS Datasheet HTML 1Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 2Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 3Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 4Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 5Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 6Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 7Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 8Page - Microchip Technology MCP1603LT-250I/OS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP1603/B/L
DS22042B-page 2
 2007-2012 Microchip Technology Inc.
Package Types
Typical Application Circuit
1
2
34
5
LX
VFB/VOUT
SHDN
GND
VIN
1
2
34
5
LX
VFB/VOUT
SHDN
GND
VIN
MCP1603/MCP1603B
TSOT
MCP1603L
TSOT
MCP1603
2x 3 DFN*
SHDN
NC
VFB/VOUT
VIN
NC
1
2
3
4
8
7
6
5 NC
GND
LX
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
VIN
SHDN
GND
VFB
LX
VIN
2.7V to 4.5V
VOUT
1.8V @ 500 mA
COUT
4.7 µF
CIN
4.7 µF
L1
4.7 µH
30
40
50
60
70
80
90
100
V
OUT = 1.8V
V
IN = 2.7V
V
IN = 3.6V
V
IN = 4.5V
10
20
30
0.1
1
10
100
1000
Output Current (mA)
__ PFM/PWM (MCP1603/L)
--- PWM (MCP1603B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com