Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-E/ML Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 11Page - Microchip Technology MCP2515-E/ML Datasheet HTML 12Page - Microchip Technology MCP2515-E/ML Datasheet HTML 13Page - Microchip Technology MCP2515-E/ML Datasheet HTML 14Page - Microchip Technology MCP2515-E/ML Datasheet HTML 15Page - Microchip Technology MCP2515-E/ML Datasheet HTML 16Page - Microchip Technology MCP2515-E/ML Datasheet HTML 17Page - Microchip Technology MCP2515-E/ML Datasheet HTML 18Page - Microchip Technology MCP2515-E/ML Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 15
MCP2515
3.0
MESSAGE TRANSMISSION
3.1
Transmit Buffers
The MCP2515 implements three transmit buffers. Each
of these buffers occupies 14 bytes of SRAM and are
mapped into the device memory map.
The first byte, TXBnCTRL, is a control register
associated with the message buffer. The information in
this register determines the conditions under which the
message will be transmitted and indicates the status of
the message transmission (see Register 3-2).
Five bytes are used to hold the standard and extended
identifiers, as well as other message arbitration
information (see Register 3-4 through Register 3-7).
The last eight bytes are for the eight possible data
bytes
of
the
message
to
be
transmitted (see
Register 3-8).
At a minimum, the TXBnSIDH, TXBnSIDL and
TXBnDLC registers must be loaded. If data bytes are
present in the message, the TXBnDm registers must
also be loaded. If the message is to use extended
identifiers, the TXBnEIDm registers must also be
loaded and the TXBnSIDL.EXIDE bit set.
Prior to sending the message, the MCU must initialize
the CANINTE.TXInE bit to enable or disable the
generation of an interrupt when the message is sent.
3.2
Transmit Priority
Transmit priority is a prioritization within the MCP2515
of the pending transmittable messages. This is
independent from, and not necessarily related to, any
prioritization implicit in the message arbitration scheme
built into the CAN protocol.
Prior to sending the SOF, the priority of all buffers that
are queued for transmission is compared. The transmit
buffer with the highest priority will be sent first. For
example, if transmit buffer 0 has a higher priority setting
than transmit buffer 1, buffer 0 will be sent first.
If two buffers have the same priority setting, the buffer
with the highest buffer number will be sent first. For
example, if transmit buffer 1 has the same priority
setting as transmit buffer 0, buffer 1 will be sent first.
There
are
four
levels
of
transmit
priority.
If
TXBnCTRL.TXP<1:0> for a particular message buffer
is set to 11, that buffer has the highest possible priority.
If TXBnCTRL.TXP<1:0> for a particular message buf-
fer is 00, that buffer has the lowest possible priority.
3.3
Initiating Transmission
In
order
to
initiate
message
transmission,
the
TXBnCTRL.TXREQ bit must be set for each buffer to
be transmitted. This can be accomplished by:
• Writing to the register via the SPI write command
• Sending the SPI RTS command
• Setting the TXnRTS pin low for the particular
transmit buffer(s) that are to be transmitted
If transmission is initiated via the SPI interface, the
TXREQ bit can be set at the same time as the TXP
priority bits.
When TXBnCTRL.TXREQ is set, the TXBnCTRL.ABTF,
TXBnCTRL.MLOA and TXBnCTRL.TXERR bits will be
cleared automatically.
Once the transmission has completed successfully, the
TXBnCTRL.TXREQ
bit
will
be
cleared,
the
CANINTF.TXnIF bit will be set and an interrupt will be
generated if the CANINTE.TXnIE bit is set.
If
the
message
transmission
fails,
the
TXBnCTRL.TXREQ will remain set. This indicates that
the message is still pending for transmission and one
of the following condition flags will be set:
• If the message started to transmit but encoun-
tered an error condition, the TXBnCTRL.TXERR
and the CANINTF.MERRF bits will be set and an
interrupt will be generated on the INT pin if the
CANINTE.MERRE bit is set
• If the message is lost, arbitration at the
TXBnCTRL.MLOA bit will be set
3.4
One-Shot Mode
One-Shot mode ensures that a message will only
attempt to transmit one time. Normally, if a CAN
message loses arbitration, or is destroyed by an error
frame, the message is retransmitted. With One-Shot
mode enabled, a message will only attempt to transmit
one time, regardless of arbitration loss or error frame.
One-Shot mode is required to maintain time slots in
deterministic systems, such as TTCAN.
Note:
The TXBnCTRL.TXREQ bit must be clear
(indicating the transmit buffer is not
pending transmission) before writing to
the transmit buffer.
Note:
Setting the TXBnCTRL.TXREQ bit does
not initiate a message transmission. It
merely flags a message buffer as being
ready for transmission. Transmission will
start when the device detects that the bus
is available.
Note:
If
One-Shot
mode
is
enabled
(CANCTRL.OSM), the above conditions
will still exist. However, the TXREQ bit will
be cleared and the message will not
attempt transmission a second time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com