Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTD6501G Datasheet(PDF) 5 Page - Microchip Technology

Part # MTD6501G
Description  3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501G Datasheet(HTML) 5 Page - Microchip Technology

  MTD6501G Datasheet HTML 1Page - Microchip Technology MTD6501G Datasheet HTML 2Page - Microchip Technology MTD6501G Datasheet HTML 3Page - Microchip Technology MTD6501G Datasheet HTML 4Page - Microchip Technology MTD6501G Datasheet HTML 5Page - Microchip Technology MTD6501G Datasheet HTML 6Page - Microchip Technology MTD6501G Datasheet HTML 7Page - Microchip Technology MTD6501G Datasheet HTML 8Page - Microchip Technology MTD6501G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2010-2012 Microchip Technology Inc.
DS22263B-page 5
MTD6501C/D/G
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Power Supply Voltage (VCC_MAX) .................... -0.7 to +15.3V
Maximum OUT1, 2, 3 Output Voltage (VOUT_MAX) .................
................................................................ -0.7 to +15.3V+0.7V
FG Maximum Output Voltage (VFG_MAX) ......... -0.7 to +15.3V
Maximum Output Current(3,4) (IOUT_MAX)....................800 mA
Maximum Output Current(3,5) (IOUT_MAX)....................500 mA
FG Maximum Output Voltage (VFG_MAX) ......... -0.7 to +15.3V
FG Maximum Output Current (IFG_MAX).....................5.0 mA
VDD Maximum Voltage (VDD_MAX) ..................... -0.7 to +4.0V
PWM Maximum Voltage (VPWM_MAX) ................ -0.7 to +4.0V
Allowable Power Dissipation(1,2,4)(PD_MAX).....................1.0W
Allowable Power Dissipation(1,2,5)(PD_MAX).....................0.5W
Max Junction Temperature (TJ)....................................+150°C
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
Note 1:
Reference PCB, according to JEDEC
standard EIA/JESD 51-9.
2:
Derating applies for ambient temperatures
outside the specified operating range (refer
to Figure 1-1).
3:
OUT1, OUT2, OUT3 (Continuous,
100% duty cycle).
4:
MTD6501C and MTD6501G
5:
MTD6501D
ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise specified, all limits are established for VCC = 5.0V, TA = +25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Voltage
VCC
2—
14
V
Power Supply Current
IVCC
—
10
—
mA
Rotation Mode
5
Lock-Protection Mode
OUTx High Resistance
RON(H)
—0.75
1
Ω
IOUT = 0.5A, VCC = 3.3V to 14V
OUTx Low Resistance
RON(L)
—0.75
1
Ω
IOUT = -0.5A, VCC = 3.3V to 14V
OUTx Total Resistance
RON(H+L)
—1.5
2
Ω
IOUT = 0.5A, VCC = 3.3V to 14V
VDD Output Voltage
VDD
—3
—
V
VCC = 3.3V to 14V
VCC – 0.2
V
VCC < 3.3V
PWM Input Frequency
fPWM
0.02
—
100
kHz
—
PWM Input H Level
VPWM_H
0.8*VDD
—3.6
V
—
PWM Input L Level
VPWM_L
0—
0.2*VDD
V—
PWM Internal Pull-Up
Current
IPWM_L
17
34
—
µA
PWM = GND, VCC = 3.3V to 14V
817
—
µA
PWM = GND, VCC < 3.3V
PWM Output
Frequency
fPWM_O
—20
—
kHz
MTD6501C
and MTD6501D
23
kHz
MTD6501G
FG Output Pin Low
Level Voltage
VOL_FG
——
0.25
V
IFG = -1 mA
FG Output Pin Leakage
Current
ILH_FG
——
10
µA
VFG = 14V
Lock Protection
Operating Time
TRUN
—0.5
—
s
—
Lock Protection Waiting
Time
TWAIT
4.5
5
5.5
s
—
Thermal Shutdown
TSD
—170
—
°C
—
Thermal Shutdown
Hysteresis
TSD_HYS
—25
—
°C
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com