Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1786 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F1786
Description  28-Pin 8-Bit Advanced Analog Flash Microcontroller
PDF  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1786 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F1786 Datasheet HTML 1Page - Microchip Technology PIC16F1786 Datasheet HTML 2Page - Microchip Technology PIC16F1786 Datasheet HTML 3Page - Microchip Technology PIC16F1786 Datasheet HTML 4Page - Microchip Technology PIC16F1786 Datasheet HTML 5Page - Microchip Technology PIC16F1786 Datasheet HTML 6Page - Microchip Technology PIC16F1786 Datasheet HTML 7Page - Microchip Technology PIC16F1786 Datasheet HTML 8Page - Microchip Technology PIC16F1786 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 450 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41579D-page 1
PIC16(L)F1782/3
High-Performance RISC CPU:
• Only 49 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- DC – 125 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
• Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Memory Features:
• Up to 4 KW Flash Program Memory:
- Self-programmable under software control
- Programmable code protection
- Programmable write protection
• 256 Bytes of Data EEPROM
• Up to 512 Bytes of RAM
High Performance PWM Controller:
• Two Programmable Switch Mode Controller
(PSMC) modules:
- Digital and/or analog feedback control of
PWM frequency and pulse begin/end times
- 16-bit Period, Duty Cycle and Phase
- 16 ns clock resolution
- Supports Single PWM, Complementary,
Push-Pull and 3-phase modes of operation
- Dead-band control with 8-bit counter
- Auto-shutdown and restart
- Leading and falling edge blanking
-Burst mode
Extreme Low-Power Management
PIC16LF1782/3 with XLP:
• Sleep mode: 50 nA @ 1.8V, typical
• Watchdog Timer: 500 nA @ 1.8V, typical
• Secondary Oscillator: 500 nA @ 32 kHz
• Operating Current:
-8
A @ 32 kHz, 1.8V, typical
-32
A/MHz @ 1.8V, typical
Analog Peripheral Features:
• Analog-to-Digital Converter (ADC):
- Fully differential 12-bit converter
- Up to 75 ksps conversion rate
- 11 single-ended channels
- 5 differential channels
- Positive and negative reference selection
• 8-bit Digital-to-Analog Converter (DAC):
- Output available externally
- Positive and negative reference selection
- Internal connections to comparators, op
amps, Fixed Voltage Reference (FVR) and
ADC
• Three High-Speed Comparators:
- 50 ns response time @ VDD = 5V
- Rail-to-rail inputs
- Software selectable hysteresis
- Internal connection to op amps, FVR and
DAC
• Two Operational Amplifiers:
- Rail-to-rail inputs/outputs
- High/Low selectable Gain Bandwidth Product
- Internal connection to DAC and FVR
• Fixed Voltage Reference (FVR):
- 1.024V, 2.048V and 4.096V output levels
- Internal connection to ADC, comparators and
DAC
28-Pin
8-Bit Advanced Analog Flash Microcontroller


Similar Part No. - PIC16F1786

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1782 MICROCHIP-PIC16F1782 Datasheet
3Mb / 420P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
2011
PIC16F1782 MICROCHIP-PIC16F1782 Datasheet
5Mb / 444P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
11/29/11
PIC16F1783 MICROCHIP-PIC16F1783 Datasheet
3Mb / 420P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
2011
PIC16F1783 MICROCHIP-PIC16F1783 Datasheet
5Mb / 444P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
11/29/11
PIC16F1783-I MICROCHIP-PIC16F1783-I Datasheet
5Mb / 444P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
11/29/11
More results

Similar Description - PIC16F1786

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F1782 MICROCHIP-PIC16F1782 Datasheet
3Mb / 420P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
2011
PIC16F570 MICROCHIP-PIC16F570 Datasheet
2Mb / 134P
28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC16F1783-I MICROCHIP-PIC16F1783-I Datasheet
5Mb / 444P
28-Pin 8-Bit Advanced Analog Flash Microcontrollers
11/29/11
PIC16F1704 MICROCHIP-PIC16F1704 Datasheet
5Mb / 51P
14/20-Pin 8-Bit Advanced Analog Flash Microcontrollers
01/27/15
PIC16F1777 MICROCHIP-PIC16F1777 Datasheet
7Mb / 630P
28/40/44-Pin, 8-Bit Flash Microcontroller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com