Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25PF080B Datasheet(PDF) 25 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST25PF080B_12 Datasheet HTML 21Page - Microchip Technology SST25PF080B_12 Datasheet HTML 22Page - Microchip Technology SST25PF080B_12 Datasheet HTML 23Page - Microchip Technology SST25PF080B_12 Datasheet HTML 24Page - Microchip Technology SST25PF080B_12 Datasheet HTML 25Page - Microchip Technology SST25PF080B_12 Datasheet HTML 26Page - Microchip Technology SST25PF080B_12 Datasheet HTML 27Page - Microchip Technology SST25PF080B_12 Datasheet HTML 28Page - Microchip Technology SST25PF080B_12 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
 2012 Microchip Technology Inc.
DS25134A-page 25
SST25PF080B
6.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XX
XXX
Package
Endurance/
Device
Device:
SST25PF080B
= 8 Mbit, 2.3-3.6V, Serial Peripheral Inter-
face flash memory
Operating
Frequency:
80
= 80 MHz
Endurance:
4
= 10,000 cycles
Temperature:
C
= 0°C to +70°C
Package:
QAE
= WSON (6mm x 5mm Body), 8-contact
SAE
= SOIC (150 mil Body), 8-lead
S2AE
= SOIC (200 mil Body), 8-lead
Tape and
Reel Flag:
T
= Tape and Reel
Valid Combinations:
SST25PF080B-80-4C-QAE
SST25PF080B-80-4C-QAE-T
SST25PF080B-80-4C-SAE
SST25PF080B-80-4C-SAE-T
SST25PF080B-80-4C-S2AE
SST25PF080B-80-4C-S2AE-T
XX
Operating
Temperature
X
Tape/Reel
Indicator
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com