Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RE46C145SW16TF Datasheet(PDF) 4 Page - Microchip Technology

Part # RE46C145SW16TF
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C145SW16TF Datasheet(HTML) 4 Page - Microchip Technology

  RE46C145SW16TF Datasheet HTML 1Page - Microchip Technology RE46C145SW16TF Datasheet HTML 2Page - Microchip Technology RE46C145SW16TF Datasheet HTML 3Page - Microchip Technology RE46C145SW16TF Datasheet HTML 4Page - Microchip Technology RE46C145SW16TF Datasheet HTML 5Page - Microchip Technology RE46C145SW16TF Datasheet HTML 6Page - Microchip Technology RE46C145SW16TF Datasheet HTML 7Page - Microchip Technology RE46C145SW16TF Datasheet HTML 8Page - Microchip Technology RE46C145SW16TF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RE46C145
DS22181C-page 4
 2009-2012 Microchip Technology Inc.
Input Leakage High
IIH1
1,2
—
—
100
nA
VDD =12V, VIN =VDD,
STROBE active
IIH2
3,10,12
—
—
100
nA
VDD =12V, VIN =VDD
IHFD
10
—
—
50
µA
FEED = 22V
Input Pull Down Current
IPD1
16
.25
—
10
µA
VIN =VDD
IPD2
15
.1
.25
.5
µA
VIN =VDD
IPDIO1
720
—
80
µA
VIN =VDD
IPDIO2
7—
—
140
µA
VIN =15V, VDD =12
Output Leakage
Current Low
IOZL1
11,13
—
—
-1
µA
Output Off, Output = VSS
Output Leakage
Current High
IOZH1
11,13
—
—
1
µA
Output Off, Output = VDD
Output Voltage Low
VOL1
8,9
—
—
1
V
Iol = 16 mA, VDD =6.5V
VOL2
13
—
.5
—
V
Iol = 5 mA, VDD =6.5V
VOL3
11
—
—
.6
V
Iol = 10 mA, VDD =6.5V
Output Voltage High
VOH1
8,9
5.5
—
V
Iol = -16 mA, VDD =6.5V
Output Current
IIOH1
7
-4
—
-16
mA
Alarm, VIO =VDD–2V or
VIO =0V
IIODMP
7
5
—
—
mA
At Conclusion of Local Alarm
or Test, VVIO =1V
Low Battery
Alarm Voltage
VLB
5
6.9
7.2
7.5
V
Output Voltage
VSTOF
4VDD–.1
—
—
V
STROBE off, VDD =12V,
IOUT =-1 µA
VSTON
4VDD–
5.25
VDD–5 VDD–4.75
V
STROBE on, VDD =9V
IOUT = 100 µA to 500 µA
VIREDOF
6
—
—
.1
V
IRED off, VDD =12V,
IOUT =1 µA
VIREDON
6
2.85
3.1
3.35
V
IRED on, VDD =9V
IOUT = 0 to -6 mA, TA =+25°C
Common Mode Voltage
VCM1
1,2,3
.5
—
VDD–2
V
Local smoke,
Push to Test or Chamber Test,
Note 2
Smoke Comparator
Reference
VREF
-VDD–3.7
—
VDD–3.3
V
Internal Reference
Temperature Coefficient
TCST
4—
.01
—
%/ºC VDD = 6V to 12V,
STROBE Output Voltage
TCIRED
6
—
.3
—
%/ºC VDD = 6V to 12V,
IRED Output Voltage
Line Regulation
VSTON
4,5
—
-50
—
dB
Active, VDD =6V to 12V
VIREDON
6,5
—
-30
—
dB
Active, VDD = 6V to 12V
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25°C to +75°C, VDD =9V
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Note 1:
Does not include Q3 emitter current.
2:
Not production tested.
3:
Typical values are for design information and are not ensured.
4:
Limits over the specified temperature range are not production tested and are based on characterization
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com