Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5620EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD5620EBZ
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5620EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD5620EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5620EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 21 of 28
APPLICATIONS INFORMATION
USING A REF19x AS A POWER SUPPLY FOR THE
AD5620/AD5640/AD5660
Because the supply current required by the AD5620/AD5640/
AD5660 is extremely low, an alternative option is to use a REF19x
voltage reference (REF195 for 5 V or REF193 for 3 V) to supply
the required voltage to the part (see Figure 49). This is especially
useful if the power supply is quite noisy or if the system supply
voltages are at some value other than 5 V or 3 V, for example, 15 V.
The REF19x outputs a steady supply voltage for the AD5620/
AD5640/AD5660. If the low dropout REF195 is used, the current
it needs to supply to the AD5660 is 500 μA. This is with no load
on the output of the DAC. When the DAC output is loaded, the
REF195 also must supply the current to the load. The total current
required (with a 5 kΩ load on the DAC output) is
500 μA + (5 V/5 kΩ) = 1.5 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in an error of 3 ppm (15 μV) for the 1.5 mA
current drawn from it. This corresponds to a 0.197 LSB error
for the AD5660.
AD5660
3-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
VOUT = 0V TO 5V
REF195
Figure 49. REF195 as the Power Supply to the AD5660
BIPOLAR OPERATION USING THE AD5660
The AD5660 is designed for single-supply operation, but a
bipolar output range is also possible using the circuit in
Figure 50. Figure 50 gives an output voltage range of ±5 V.
Rail-to-rail operation at the amplifier output is achievable
using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as


R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
65536
where D represents the input code in decimal (0 to 65535).
When VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
65536
10
 
D
V
O
This results in an output voltage range of ±5 V, with 0x0000
corresponding to a −5 V output and 0xFFFF corresponding to a
+5 V output.
R2
10k
+5V
–5V
AD820/
OP295
3-WIRE
SERIAL
INTERFACE
+5V
AD5660
VDD
VFB
VOUT
R1
10k
±5V
0.1
F
10
F
Figure 50. Bipolar Operation with the AD5660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com