Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
ADAU1761
Rev. C | Page 52 of 92
Reg
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R47
0x40C4
CRC enable
Reserved
CRCEN
00000000
R48
0x40C6
GPIO0 pin control
Reserved
GPIO0[3:0]
00000000
R49
0x40C7
GPIO1 pin control
Reserved
GPIO1[3:0]
00000000
R50
0x40C8
GPIO2 pin control
Reserved
GPIO2[3:0]
00000000
R51
0x40C9
GPIO3 pin control
Reserved
GPIO3[3:0]
00000000
R52
0x40D0
Watchdog enable
Reserved
DOGEN
00000000
R53
0x40D1
DOG[23:16]
00000000
R54
0x40D2
DOG[15:8]
00000000
R55
0x40D3
Watchdog value
DOG[7:0]
00000000
R56
0x40D4
Watchdog error
Reserved
DOGER
00000000
R57
0x40EB
DSP sampling rate
setting
Reserved
DSPSR[3:0]
00000001
R58
0x40F2
Serial input route
control
Reserved
SINRT[3:0]
00000000
R59
0x40F3
Serial output route
control
Reserved
SOUTRT[3:0]
00000000
R60
0x40F4
Serial data/GPIO
pin configuration
Reserved
LRGP3
BGP2
SDOGP1
SDIGP0
00000000
R61
0x40F5
DSP enable
Reserved
DSPEN
00000000
R62
0x40F6
DSP run
Reserved
DSPRUN
00000000
R63
0x40F7
DSP slew modes
Reserved
MOSLW
ROSLW
LOSLW
RHPSLW
LHPSLW
00000000
R64
0x40F8
Serial port
sampling rate
Reserved
SPSR[2:0]
00000000
R65
0x40F9
Clock Enable 0
Reserved
SLEWPD
ALCPD
DECPD
SOUTPD
INTPD
SINPD
SPPD
00000000
R66
0x40FA
Clock Enable 1
Reserved
CLK1
CLK0
00000000
CONTROL REGISTER DETAILS
All registers except for the PLL control register are 1-byte write and read registers.
R0: Clock Control, 16,384 (0x4000)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
CLKSRC
INFREQ[1:0]
COREN
Table 34. Clock Control Register
Bits
Bit Name
Description
3
CLKSRC
Clock source select.
0 = direct from MCLK pin (default).
1 = PLL clock.
[2:1]
INFREQ[1:0]
Input clock frequency. Sets the core clock rate that generates the core clock. If the PLL is used, this value is
automatically set to 1024 × fS.
Setting
Input Clock Frequency
00
256 × fS (default)
01
512 × fS
10
768 × fS
11
1024 × fS
0
COREN
Core clock enable. Only the R0 and R1 registers can be accessed when this bit is set to 0 (core clock disabled).
0 = core clock disabled (default).
1 = core clock enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com