Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KLSR Datasheet(PDF) 1 Page - Littelfuse

Part # KLSR
Description  CLASS RK1-KLNR KLSR SERIES FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLSR Datasheet(HTML) 1 Page - Littelfuse

  KLSR Datasheet HTML 1Page - Littelfuse KLSR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWR-GARD® Fuse Datasheet
© 2012 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 083012
1 of 2
Class RK1 – KlNR • KlsR seRies FUses
250/600 VAC • Fast-Acting • 1-600 A
ampeRe RatiNgs
1
10
40
100
250
2
12
45
110
300
3
15
50
125
350
4
20
60
150
400
5
25
70
175
450
6
30
80
200
500
8
35
90
225
600
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/klsr
www.littelfuse.com/klnr
05549002
Peak Let-Thru Curve (600 V)
Ordering Information
seRies
ampeRage
Catalog NUmbeR oRdeRiNg NUmbeR
KLSR
90
KLSR090
KLSR090.V
600 V
250 V
seRies
ampeRage
Catalog NUmbeR oRdeRiNg NUmbeR
KLNR
90
KLNR090
KLNR090.V
KLSR
Description
KLSR/KLNR fuses are an economical single element design
providing the safety of an RK1 fuse.
Applications
• Resistance heaters
• Lighting circuits
• Non-inductive loads
Features/Benefits
• Extremely Current-Limiting
• Indicating and DIN mount fuse holders available
Specifications
Voltage Ratings
AC: 250 V (KLNR); 600 V (KLSR)
DC: 125 V (1 – 600 A KLNR);
250 V (1 – 30 A KLSR);
300 V (35 – 600 A KLSR).
Interrupting Ratings
AC: 200 kA rms symmetrical
DC: 20 kA
Ampere Range
1 – 600 A
Approvals
AC: Standard 248-12, Class RK1
UL Listed (File: E81895)
CSA Certified (File: LR29862)
DC: Littelfuse self-certified
Recommended Fuse Holders
LFR60Series•LFR25Series
Dimensions
Please refer to the Class R dimensions


Similar Part No. - KLSR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLSR LITTELFUSE-KLSR Datasheet
374Kb / 2P
250/600 Vac
More results

Similar Description - KLSR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
LLNRK/LLSRK Series POWR-PRO Class RK1
logo
Cooper Bussmann, Inc.
LPN-RK-70SP COOPER-LPN-RK-70SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
LLNRK-ID LITTELFUSE-LLNRK-ID Datasheet
503Kb / 3P
CLASS RK1-LLNRK LLSRK LLSRK ID SERIES FUSES
logo
Cooper Bussmann, Inc.
KTN-R-1 COOPER-KTN-R-1 Datasheet
317Kb / 3P
Limitron짰 fast-acting, RK1 ??250 volt fuses
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LSRK015-T LITTELFUSE-LSRK015-T Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLSRK LITTELFUSE-LLSRK Datasheet
404Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
Rev: 1-A-052022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com