Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW63-4G Datasheet(PDF) 44 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 44 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 44Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 45Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 46Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 47Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 48Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
44
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 Heat Sinks
PF750, PF758
Slip on heat sink featuring integrated tabs
Slip on heat sink is tin plated and has
integrated tabs for soldering to the PC
board. Locating features provide simple
device alignment and spring action holds
the device for good thermal contact.
22.00
(0.866)
1.70
(0.067)
"A"
"B"
9.50
(0.374)
11.00
(0.433)
11.00
(0.433)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
PF758
PF750
Part Number
Description
“A” Dim
“B” Dim
PF750G
Slip on heat sink with tabs
19.00(0.748)
3.00(0.118)
PF758G
Slip on heat sink with tabs
24.00(0.945)
5.20(0.205)
ORDERING INFORMATION
Material: 0.71 (0.028) Thick Aluminum
Finish: Tin Plate
PF752
Slip on heat sink
Slip on heat sink has locating features
for simple device alignment. Spring action
holds the device for good thermal contact.
11.00
(0.433)
10.70
(0.421)
19.00
(0.748)
5.00
(0.197)
15.00
(0.590)
3.00
(0.118)
22.00
(0.866)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Part Number
Description
PF752G
Slip on heat sink
ORDERING INFORMATION
PF720, PF723
Slip on heat sink
Slip on heat sink has locating features
for simple device alignment. Spring
action holds the device for good thermal
contact. Available with or without solder-
able mounting tabs
4.50
(0.177)
2.10
(0.083)
18.30
(0.720)
8.10
(0.319)
20.00
(0.787)
10.80
(0.425)
16.00
(0.630)
3.00
(0.118)
19.84
(0.781)
DIA 3.00
(0.118)
1.30
(0.051)
TAB
Heat Dissipated – Watts
0
20
40
60
80
100
01
2
3
4
5
Part Number
Description
PF720G
Slip on heat sink, no solderable tabs
PF723G
With solderable tabs
ORDERING INFORMATION
Material: 0.71 (0.028) Thick Aluminum
Finish: Black Anodize
Material: 0.71 (0.028) Thick Aluminum
Finish: Pre-Black Paint*
* Edges cut during manufacturing process will be unfinished



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com