Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA006 Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC24FJ64GA006
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA006 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC24FJ64GA006 Datasheet HTML 29Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 30Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 31Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 32Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 33Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 34Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 35Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 36Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 258 page
background image
 2005-2012 Microchip Technology Inc.
DS39747F-page 33
PIC24FJ128GA010 FAMILY
4.2
Data Address Space
The PIC24F core has a separate, 16-bit wide data mem-
ory space, addressable as a single linear range. The
data space is accessed using two Address Generation
Units (AGUs), one each for read and write operations.
The data space memory map is shown in Figure 4-3.
All Effective Addresses (EAs) in the data memory
space are 16 bits wide and point to bytes within the
data space. This gives a data space address range of
64 Kbytes or 32K words. The lower half of the data
memory space (that is, when EA<15> = 0) is used for
implemented memory addresses, while the upper half
(EA<15> = 1) is reserved for the Program Space Visi-
bility area (see Section 4.3.3 “Reading Data from
Program Memory Using Program Space Visibility”
).
PIC24FJ128GA010 family devices implement a total of
8 Kbytes of data memory. Should an EA point to a
location outside of this area, an all zero word or byte will
be returned.
4.2.1
DATA SPACE WIDTH
The
data
memory
space
is
organized
in
byte-addressable, 16-bit wide blocks. Data is aligned in
data memory and registers as 16-bit words, but all data
space EAs resolve to bytes. The Least Significant Bytes
(LSBs) of each word have even addresses, while the
Most Significant Bytes (MSBs) have odd addresses.
FIGURE 4-3:
DATA SPACE MEMORY MAP FOR PIC24FJ128GA010 FAMILY DEVICES
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. Refer to Section 3. “Data Mem-
ory”
(DS39717) in the “PIC24F Family
Reference Manual”
for more information.
0000h
07FEh
FFFEh
LSB
Address
LSB
MSB
MSB
Address
0001h
07FFh
1FFFh
FFFFh
8001h
8000h
7FFFh
0801h
0800h
2001h
Near
1FFEh
SFR
SFR Space
Data RAM
2000h
7FFFh
Program Space
Visibility Area
Note:
Data memory areas are not shown to scale.
27FEh
2800h
27FFh
2801h
Space
Data Space
Implemented
Data RAM
Unimplemented
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com