Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1474TSTRT Datasheet(PDF) 1 Page - Samtec, Inc

Part # SC1474TSTRT
Description  Portable Pentium짰 Dual Phase Power Supply Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC1474TSTRT Datasheet(HTML) 1 Page - Samtec, Inc

  SC1474TSTRT Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
www.semtech.com
SC1474
Portable Pentium® Dual Phase
Power Supply Controller
POWER MANAGEMENT
Revision 6, December 2002
Description
Features
Applications
Typical Application Circuit
IMVP3 compliant single chip solution
High speed Dual phase hysteretic controller
VID programmable output
Dual integrated 2A/4A drivers
Integrated VID regulator controller
Automatic performance/battery mode detection
Dynamic phase current matching
Under-voltage lock out on all Vcc inputs
Over-voltage protection on CORE
Current Limit protection on CORE
Thermal protection
Programmable soft-start
Powergood flag with blanking during VID changes
Automatic powersave at light load
TSSOP-38 package
Industrial temperature range
The SC1474 PowerStep III™ IC is a single chip high-per-
formance Hysteretic PWM controller. With dual integrated
Smart™ Drivers, it powers advanced Pentium® 4 pro-
cessors. The SC1474 features extended Intel Mobile Volt-
age Positioning (IMVP) to increase battery life by reduc-
ing the voltage at the processor when it is heavily loaded.
It directly supports Intel’s SpeedStep™ requirements for
even longer battery life. The SC1474 automatically de-
tects performance and battery mode VIDs. In addition, it
integrates direct “deeper sleep” mode support. All op-
erating modes incorporate automatic “power-save” to
prevent negative current flow in the low-side FET during
light loading conditions, saving even more power.
A 5-bit DAC, accurate to 0.85%, sets the output voltage
reference, and implements the 0.600V to 1.750V range
required by the processor. The hysteretic converter uses
a comparator without an error amplifier, and so provides
the fastest possible transient response, while avoiding
the stability issues inherent to classical PWM controllers.
The SC1474 incorporates a controller for V_VID and au-
tomatically provides the proper sequencing.
The SC1474 operates from +3.3Vdc Vcca and dual 5V
DC drive inputs. It also features soft-start, an open-drain
PWRGD signal with power-good blanking, and an enable
input. Programmable current limiting latches the SC1474
off after 32 current limit pulses. It comes in a space-
saving TSSOP-38 package.
Advanced Intel microprocessors
SC1474
Dual Phase
Extended IMVP
CONTROLLER
VID [4:0]
Lo
+VCORE
+V_IN
+V_5
0.600V-1.75V
Up to 40A
Extended
IMVP
Logic
Controller
Power
Control
Signals
Smart
Driver
VID
Multiplexer
Lo
Co
Smart
Driver
Rcs
Rcs
+V_3
+V_VID
VID
Regulator
Controller
SC1474
Dual Phase
Extended IMVP
CONTROLLER
VID [4:0]
Lo
+VCORE
+V_IN
+V_5
0.600V-1.75V
Up to 40A
Extended
IMVP
Logic
Controller
Power
Control
Signals
Smart
Driver
VID
Multiplexer
Lo
Co
Smart
Driver
Rcs
Rcs
+V_3
+V_VID
VID
Regulator
Controller


Similar Part No. - SC1474TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
More results

Similar Description - SC1474TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
Portable IMVP-IV Dual Phase Power Supply Controller
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
SC453 SEMTECH-SC453_09 Datasheet
343Kb / 26P
Portable, VID Programmed Single Phase Power Supply Controller
SC458 SEMTECH-SC458 Datasheet
97Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
SC450ITSTRT SEMTECH-SC450ITSTRT Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC458IMLTRT SEMTECH-SC458IMLTRT Datasheet
293Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com