Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C04-F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24C04-F
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24C04-F Datasheet HTML 24Page - STMicroelectronics M24C04-F Datasheet HTML 25Page - STMicroelectronics M24C04-F Datasheet HTML 26Page - STMicroelectronics M24C04-F Datasheet HTML 27Page - STMicroelectronics M24C04-F Datasheet HTML 28Page - STMicroelectronics M24C04-F Datasheet HTML 29Page - STMicroelectronics M24C04-F Datasheet HTML 30Page - STMicroelectronics M24C04-F Datasheet HTML 31Page - STMicroelectronics M24C04-F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Package mechanical data
M24C16, M24C08, M24C04, M24C02, M24C01
28/38
Doc ID 5067 Rev 17
Table 18.
M24C08: Thin WLCSP (0.3 mm height), 0.4 mm pitch, 5 bumps, package
data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.300
0.270
0.330
0.0118
0.0096
0.0140
A1
0.100
-
-
0.0039
-
-
A2
0.200
-
-
0.0079
-
-
b
0.160
--
0.0063
--
D
1.215
-
1.340
0.0478
-
0.0528
E
1.025
-
1.150
0.0404
-
0.0453
e
0.400
-
-
0.0157
-
-
e1
0.693
-
-
0.0273
-
-
e2
0.346
-
-
0.0136
-
-
F
0.313
-
-
0.0123
-
-
G
0.261
-
-
0.0103
-
-
N(3)
3.
N is the total number of terminals.
55
Table 19.
M24C16: WLCSP (0.5 mm height) 0.4 mm pitch, 5 bumps, package data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.545
0.495
0.595
0.0215
0.0195
0.0234
A1
0.190
0.165
0.215
0.0075
0.0065
0.0085
A2
0.355
0.330
0.380
0.0140
0.0130
0.0150
b
0.270
0.240
0.300
0.0106
0.0094
0.0118
D
1.255
1.235
1.275
0.0494
0.0486
0.0502
E
1.210
1.190
1.230
0.0476
0.0469
0.0484
e
0.400
-
-
0.0157
-
-
e1
0.693
-
-
0.0273
-
-
e2
0.346
-
-
0.0136
-
-
F
0.405
-
-
0.0159
-
-
G
0.281
-
-
0.0111
-
-
N(3)
3.
N is the total number of terminals.
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com