Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF18NM80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF18NM80
Description  N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18NM80 Datasheet(HTML) 1 Page - STMicroelectronics

  STF18NM80 Datasheet HTML 1Page - STMicroelectronics STF18NM80 Datasheet HTML 2Page - STMicroelectronics STF18NM80 Datasheet HTML 3Page - STMicroelectronics STF18NM80 Datasheet HTML 4Page - STMicroelectronics STF18NM80 Datasheet HTML 5Page - STMicroelectronics STF18NM80 Datasheet HTML 6Page - STMicroelectronics STF18NM80 Datasheet HTML 7Page - STMicroelectronics STF18NM80 Datasheet HTML 8Page - STMicroelectronics STF18NM80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
May 2012
Doc ID 15421 Rev 5
1/21
21
STB18NM80, STF18NM80,
STP18NM80, STW18NM80
N-channel 800 V, 0.25
Ω, 17 A, MDmesh™ Power MOSFET
in D²PAK, TO-220FP, TO-220 and TO-247 packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
These N-channel Power MOSFETs are
developed using STMicroelectronics’
revolutionary MDmesh™ technology, which
associates the multiple drain process with the
company's PowerMESH™ horizontal layout.
These devices offer extremely low on-resistance,
high dv/dt and excellent avalanche
characteristics. Utilizing ST’s proprietary strip
technique, these Power MOSFETs boast an
overall dynamic performance which is superior to
similar products on the market.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max
ID
STB18NM80
800 V
< 0.295
Ω
17 A
STF18NM80
800 V
< 0.295
Ω 17 A (1)
1.
Limited only by maximum temperature allowed
STP18NM80
800 V
< 0.295
Ω
17 A
STW18NM80
800 V
< 0.295
Ω
17 A
TO-220
D²PAK
TO-247
1
2
3
1
2
3
TO-220FP
1
3
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB18NM80
18NM80
D²PAK
Tape and reel
STF18NM80
TO-220FP
Tube
STP18NM80
TO-220
STW18NM80
TO-247
www.st.com


Similar Part No. - STF18NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
N-channel 800 V, 0.25 Ω, 17 A, MDmes Power MOSFET
25-May-2012
logo
Inchange Semiconductor ...
STF18NM80 ISC-STF18NM80 Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF18NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80_10 Datasheet
949Kb / 17P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
24-Mar-2010
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
N-channel 500 V, 0.1 Ω typ., 22 A MDmesh™II Power MOSFET in D²PAK, TO-220FP, TO-220, TO-247 packages
01-Aug-2012
STW35N65M5 STMICROELECTRONICS-STW35N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
06-Oct-2011
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
23-May-2011
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
06-Oct-2011
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
11-May-2011
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
STW20N95K5 STMICROELECTRONICS-STW20N95K5 Datasheet
1Mb / 20P
N-channel 950 V, 0.275 Ω, 17.5 A SuperMESH 5™ Power MOSFET in D²PAK, TO-220FP, TO-220 and TO-247 packages
06-Jun-2012
STF32NM50N STMICROELECTRONICS-STF32NM50N Datasheet
1Mb / 21P
N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
01-Aug-2012
STB33N60DM2 STMICROELECTRONICS-STB33N60DM2 Datasheet
1Mb / 20P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in D²PAK, TO-220 and TO-247 packages
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com