Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN3P6F6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STN3P6F6
Description  P-channel 60 V, 0.13 Ω typ., 3 A STripFET™VI DeepGATE??Power MOSFET in a SOT-223 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3P6F6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STN3P6F6 Datasheet HTML 3Page - STMicroelectronics STN3P6F6 Datasheet HTML 4Page - STMicroelectronics STN3P6F6 Datasheet HTML 5Page - STMicroelectronics STN3P6F6 Datasheet HTML 6Page - STMicroelectronics STN3P6F6 Datasheet HTML 7Page - STMicroelectronics STN3P6F6 Datasheet HTML 8Page - STMicroelectronics STN3P6F6 Datasheet HTML 9Page - STMicroelectronics STN3P6F6 Datasheet HTML 10Page - STMicroelectronics STN3P6F6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID023758 Rev 4
7/12
STN3P6F6
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Normalized BVDSS vs temperature
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
C
150
100
50
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
50
200
250
300
350
400
AM15342v1
VDS
-55
-5
TJ(°C)
(norm)
-30
70
20 45
95
0.90
0.95
1
1.05
1.10
1.15
ID = 1mA
120
AM15349v1
VGS(th)
0.90
0.80
0.70
0.60
-55
-5
TJ(°C)
(norm)
-30
1
70
20 45
95 120
1.10
ID=250 µA
AM15344v1
RDS(on)
1
0.8
0.6
0.4
-55
-5
TJ(°C)
-30
20
1.2
1.4
VGS=10V
45
70 95 120
1.6
1.8
2
(norm)
AM15350v1
VSD
2
6
ISD(A)
(V)
4
8
0.55
0.65
0.75
0.85
0.95
1.05
TJ=-55°C
TJ=175°C
TJ=25°C
AM15345v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com