Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLR-343VC Datasheet(PDF) 2 Page - Rohm

Part # SLR-343VC
Description  Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343VC Datasheet(HTML) 2 Page - Rohm

  SLR-343VC Datasheet HTML 1Page - Rohm SLR-343VC Datasheet HTML 2Page - Rohm SLR-343VC Datasheet HTML 3Page - Rohm SLR-343VC Datasheet HTML 4Page - Rohm SLR-343VC Datasheet HTML 5Page - Rohm SLR-343VC Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SLR-343 Series
LED lamps
Electrical and optical characteristics (Ta = 25
°C)
Symbol
Unit
Parameter
Red
Viewing angle
2
θ 1/2
Spectral line half
width
∆λ
−
nm
Peak
wavelength
λP
−
nm
Reverse current
IR
−
µA
Forward voltage
VF
Conditions
IF
=10mA
IF
=10mA
VR
=3V
IF
=10mA
−
Min.
40
650
−
2.0
Typ.
−
−
10
3.0
Max.
Orange
−
−
−
−
Min.
40
610
−
2.0
Typ.
−
−
10
3.0
Max.
Yellow
−
−
−
−
Min.
40
585
−
2.1
Typ.
−
−
10
3.0
Max.
Green
−
−
−
−
Min.
40
563
−
2.1
Typ.
−
−
deg
Diffused
40
−−
40
−−
40
−−
40
−
−
Transparent
40
−−
40
−−
40
−−
40
−
−
10
3.0
Max.
V
Luminous intensity vs. wavelength
Luminous intensity
1.0
0.8
0.6
0.4
0.2
0
500
550
600
650
700
750
Wavelength :
λP (nm)
Fig. 1
Green
Yellow
Orange
Red
λP
Unit
Color
Yellow
Green
585
563
Orange
610
Red
650
Type
SLR-343VR
Min.
5.6
Typ.
16.0
Max.
−
mcd
SLR-343VC
9.0
25.0
−
mcd
SLR-343DU
5.6
16.0
−
mcd
SLR-343DC
9.0
25.0
−
mcd
SLR-343YY
3.6
10
−
mcd
SLR-343YC
5.6
16.0
−
mcd
SLR-343MG 5.6
16.0
−
mcd
SLR-343MC
9.0
25.0
−
mcd
Note: Measured at IF
=10mA
Directional pattern
ANGLE (
°)
RELATIVE LUMINOUS INTENSITY (
%)
Fig. 2
0
50
100
50
100
0
10
10
20
20
30
40
50
60
70
80
90
30
40
50
60
70
80
90
Transparent
Diffused



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com