Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68000 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # M68000
Description  8-/16-/32-Bit Microprocessors User?셲 Manual
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button M68000 Datasheet HTML 47Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 48Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 49Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 50Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 53Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 54Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 189 page
background image
MOTOROLA
M68000 8-/16-/32-BIT MICROPROCESSORS USER'S MANUAL
5- 5
The word and byte write-cycle timing diagram and flowcharts in Figures 5-5, 5-6, and 5-7
applies directly to the MC68000, the MC68HC000, the MC68HC001 (in 16-bit mode), the
MC68EC000 (in 16-bit mode), and the MC68010.
BUS MASTER
ADDRESS THE DEVICE
1) PLACE FUNCTION CODE ON FC2–FC0
2) PLACE ADDRESS ON A23–A1
3) ASSERT ADDRESS STROBE (AS)
4) SET R/W TO WRITE
5) PLACE DATA ON D15–D0
6) ASSERT UPPER DATA STROBE (UDS)
AND LOWER DATA STROBE (LDS)
TERMINATE THE CYCLE
INPUT THE DATA
1) DECODE ADDRESS
2) STORE DATA ON D15–D0
3) ASSERT DATA TRANSFER
ACKNOWLEDGE (DTACK)
SLAVE
START NEXT CYCLE
1) NEGATE DTACK
TERMINATE OUTPUT TRANSFER
1) NEGATE UDS AND LDS
2) NEGATE AS
3) REMOVE DATA FROM D15–D0
4) SET R/W TO READ
Figure 5-5. Word Write-Cycle Flowchart
BUS MASTER
ADDRESS THE DEVICE
1) PLACE FUNCTION CODE ON FC2–FC0
2) PLACE ADDRESS ON A23–A1
3) ASSERT ADDRESS STROBE (AS)
4) SET R/W TO WRITE
5) PLACE DATA ON D0–D7 OR D15–D8
(ACCORDING TO INTERNAL A0)
6) ASSERT UPPER DATA STROBE (UDS)
OR LOWER DATA STROBE (LDS)
(BASED ON INTERNAL A0)
1) NEGATE UDS AND LDS
2) NEGATE AS
3) REMOVE DATA FROM D7-D0 OR
D15-D8
4) SET R/W TO READ
TERMINATE THE CYCLE
INPUT THE DATA
1) DECODE ADDRESS
2) STORE DATA ON D7–D0 IF LDS IS
ASSERTED. STORE DATA ON D15–D8
IF UDS IS ASSERTED
3) ASSERT DATA TRANSFER
ACKNOWLEDGE (DTACK)
SLAVE
START NEXT CYCLE
TERMINATE OUTPUT TRANSFER
1) NEGATE DTACK
Figure 5-6. Byte Write-Cycle Flowchart
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com