Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68HC
Description  Power Saving STOP and WAIT Modes
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
CENTRAL PROCESSING UNIT
TECHNICAL DATA
3-1
SECTION 3
CENTRAL PROCESSING UNIT
This section presents information on M68HC11 central processing unit (CPU) archi-
tecture, data types, addressing modes, the instruction set, and special operations,
such as subroutine calls and interrupts.
The CPU is designed to treat all peripheral, I/O, and memory locations identically as
addresses in the 64 Kbyte memory map. This is referred to as memory-mapped I/O.
There are no special instructions for I/O that are separate from those used for memory.
This architecture also allows accessing an operand from an external memory location
with no execution-time penalty.
3.1 CPU Registers
M68HC11 CPU registers are an integral part of the CPU and are not addressed as if
they were memory locations. The seven registers, discussed in the following para-
graphs, are shown in Figure 3-1.
Figure 3-1 Programming Model
8-BIT ACCUMULATORS A & B
70
70
15
0
AB
D
IX
IY
SP
PC
70
C
V
Z
N
I
H
X
S
OR 16-BIT DOUBLE ACCUMULATOR D
INDEX REGISTER X
INDEX REGISTER Y
STACK POINTER
PROGRAM COUNTER
CARRY/BORROW FROM MSB
OVERFLOW
ZERO
NEGATIVE
I-INTERRUPT MASK
HALF CARRY (FROM BIT 3)
X-INTERRUPT MASK
STOP DISABLE
CONDITION CODES
HC11 PROG MODEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com