Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC705L16CFUE Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC705L16CFUE
Description  Microcontrollers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC705L16CFUE Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC705L16CFUE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 14Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 15Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 16Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
MC68HC05L16 • MC68HC705L16 Data Sheet, Rev. 4.1
Freescale Semiconductor
13
Chapter 1
General Description
1.1 Introduction
The MC68HC05L16 is an 80-pin microcontroller unit (MCU) with highly sophisticated on-chip peripheral
functions. The memory map includes 16 Kbytes of user ROM and 512 bytes of RAM. The MCU has five
parallel ports: A, B, C, D, and E. The MC68HC05L16 includes a timebase circuit, 8- and 16-bit timers, a
computer operating properly (COP) watchdog timer, liquid crystal display (LCD) drivers, and a simple
serial peripheral interface (SSPI).
1.2 Features
Features of the MC68HC05L16 MCU include:
•
Low-cost HC05 core
•
16,400 Bytes of mask ROM, including 16 bytes of user vectors and 512 bytes of on-chip RAM
•
16 bidirectional input-output (I/O) lines
•
Eight input-only lines
•
15 output-only lines, including 8-bit key wakeup interrupts
•
Pullup resistors options
•
Open-drain outputs options
•
Two interrupt request (IRQ) inputs
•
16-bit timer with input capture and output compare (timer 1)
•
8-bit event counter/modulus clock divider (timer 2)
•
Simple serial peripheral interface (SSPI)
•
LCD drivers — 1-to-4 backplane drivers x 27-to-39 frontplane drivers
•
On-chip timebase circuits with COP watchdog timer and timebase interrupts
•
Dual oscillators and selectable system clock frequency
•
Power-saving stop mode and wait mode
•
80-pin quad flat pack (QFP)
1.3 MCU Structure
Figure 1-1 shows the structure of the MC68HC05L16 MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com