Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908AB32CFUE Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MC908AB32CFUE
Description  Microcontrollers
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908AB32CFUE Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MC908AB32CFUE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908AB32CFUE Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 392 page
background image
EEPROM
MC68HC908AB32 — Rev. 1.1
Technical Data
Freescale Semiconductor
EEPROM
83
The EEDIV value is calculated by the following formula:
EEDIV = INT
[Reference frequency (Hz) × 35 × 10–6 + 0.5]
Where the result inside the bracket is rounded down to the nearest
integer value.
For example, if the reference frequency is 4.9152MHz, the EEDIV
value is 172.
NOTE:
Programming/erasing the EEPROM with an improper EEDIV value may
result in data lost and reduce endurance of the EEPROM device.
5.11.3.1 EEPROM Timebase Divider Non-Volatile Register
The 16-bit EEPROM timebase divider non-volatile register consists of
two 8-bit registers: EEDIVHNVR and EEDIVLNVR. The contents of
these two registers are respectively loaded into the EEPROM timebase
divider registers, EEDIVH and EEDIVL, after a reset.
These two registers are erased and programmed in the same way as an
EEPROM byte.
Address:
$FE10
Bit 7
654321
Bit 0
Read:
EEDIVSECD
RRRR
EEDIV10
EEDIV9
EEDIV8
Write:
Reset:
Unaffected by reset; $FF when blank
Figure 5-7. EEPROM Divider Non-volatile Register High(EEDIVHNVR)
Address:
$FE11
Bit 7
654321
Bit 0
Read:
EEDIV7
EEDIV6
EEDIV5
EEDIV4
EEDIV3
EEDIV2
EEDIV1
EEDIV0
Write:
Reset:
Unaffected by reset; $FF when blank
Figure 5-8. EEPROM Divider Non-volatile Register Low (EEDIVLNVR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com