Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVR-M1608C220KT2AB Datasheet(PDF) 2 Page - TDK Electronics

Part # AVR-M1608C220KT2AB
Description  Chip Varistors Countermeasure for surge voltage and static electricity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C220KT2AB Datasheet(HTML) 2 Page - TDK Electronics

  AVR-M1608C220KT2AB Datasheet HTML 1Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 2Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 3Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 4Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 5Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
(1/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
Varistors(SMD)
Countermeasure for Surge Voltage and Static Electricity
AVR Series AVR-M, AVRL Types
Varistors are voltage dependent nonlinear resistive elements with
a resistance that decreases rapidly when the voltage is over the
constant value.
Varistor is equivalent with Zener diode of two series connection.
Therefore, do not have polarity.
CURRENT vs. VOLTAGE CHARACTERISTICS
EQUIVALENT CIRCUIT
THE EFFECT OF THE VARISTOR
WITHOUT VARISTOR
A malfunction and failure of electronic equipment
WITH VARISTOR
Suppress abnormal voltage by inserting varistor in a circuit
Conformity to RoHS Directive
Chip varistor
/V1mA:12V
Zener diode
/Vz:6.8V
Positive direction
Negative direction
Voltage(V)
10–1
10–2
10–3
10–4
10–5
–10–1
–10–2
–10–3
–10–4
–10–5
2
–26
–610
–10
14
–14
18
–18
2 Zener Diodes
A capacitance content
ESD, Surge voltage
Power line
Signal line
IC
ESD, Surge voltage
Power line
Signal line
Insert a varistor between
a line and ground
: Chip varistor
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com