Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVR-M1608C270KT2AB Datasheet(PDF) 8 Page - TDK Electronics

Part # AVR-M1608C270KT2AB
Description  Chip Varistors Countermeasure for surge voltage and static electricity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C270KT2AB Datasheet(HTML) 8 Page - TDK Electronics

Back Button AVR-M1608C270KT2AB Datasheet HTML 3Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 4Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 5Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 9Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 10Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(7/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
ELECTROSTATIC DISCHARGE TESTS
TEST CONDITIONS
150pF, 330
Ω contact discharge
Charged voltage /8kV, 0.1s interval
MEASURING CIRCUIT
AVR-M0603 TYPE
AVR-M1608 TYPE
AVR-M1005 TYPE
AVRL101A3R3F
10M
Ω
330
Ω
150pF
High voltage
DC power supply
Discharge gun
ESD
simulator
ESD simulator
Test
sample
0.1
1
10
100
Number of discharge(Times)
10
–10
–20
–30
–40
–50
20
0
–60
0.1
1
10
100
Number of discharge(Times)
10
–10
–20
–30
–40
–50
20
0
–60
0.1
1
10
100
Number of discharge(Times)
10
–10
–20
–30
–40
–50
20
0
–60
0.1
1
10
100
Number of discharge(Times)
7
5
4
3
2
1
8
6
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com