Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR1011-I/ML Datasheet(PDF) 45 Page - Microchip Technology

Part # AR1011-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011-I/ML Datasheet(HTML) 45 Page - Microchip Technology

Back Button AR1011-I/ML Datasheet HTML 41Page - Microchip Technology AR1011-I/ML Datasheet HTML 42Page - Microchip Technology AR1011-I/ML Datasheet HTML 43Page - Microchip Technology AR1011-I/ML Datasheet HTML 44Page - Microchip Technology AR1011-I/ML Datasheet HTML 45Page - Microchip Technology AR1011-I/ML Datasheet HTML 46Page - Microchip Technology AR1011-I/ML Datasheet HTML 47Page - Microchip Technology AR1011-I/ML Datasheet HTML 48Page - Microchip Technology AR1011-I/ML Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 45
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
10.0 APPLICATION NOTES
10.1
Calibration of Touch Sensor with
Controller
The reported coordinates from a touch screen
controller are typically calibrated to the application’s
video display. The task is often left up to the host to
perform. This controller provides a feature for it to send
coordinates that have already been calibrated, rather
than the host needing to perform this task. If enabled,
the feature will apply pre-collected 4-point calibration
data to the reported touch coordinates. Calibration only
accounts for X and Y directional scaling. It does not
correct for angular errors due to rotation of the touch
sensor on the video display.
The calibration process can be cancelled at anytime by
sending a command to the controller.
Upon completion of the calibration process, the
calibration data is automatically stored to the EEPROM
and “Calibrated Coordinates” is enabled.
The process of “calibration” with the controller is
described below.
1.
Disable touch reporting by issuing <Disable
Touch> command.
Send:
<0x55><0x01><0x13>
Receive: <0x55><0x02><Response><0x13>
2.
Get register group Start address by issuing
REGISTER_START_ADDRESS_REQUEST
command.
A register Start address of 0x20 is used below, for
this example.
Send:
<0x55><0x01><0x22>
Receive: <0x55><0x03><0x00><0x22><0x20>
3.
Calculate the CalibrationInset register’s address
by adding its offset value of 0x0E to the register
group Start address of 0x20.
Register Address = Register Start Address +
CalibratioInset Register Offset = 0x20 + 0x0E = 0x2E
4.
Calculate the desired value for the CalibrationIn-
set register.
A Calibration Inset of 12.5% is used below for this
example.
CalibrationInset = 2 * Desire Calibration Inset % = 2 *
12.5 = 25 = 0x19
5.
Set the Calibration Inset by writing the desired
value to the CalibrationInset register.
Send:<0x55><0x05><0x21><0x00><0x2E><0x01
><0x19>
Receive: <0x55><0x02><0x00><0x21>
6.
Issue the CALIBRATE_MODE command.
Send:
<0x55><0x02><0x14><0x04>
Receive: <0x55><0x02><0x00><0x14>
7.
Software must display the first calibration point
target in the upper left quadrant of the display
and prompt the user to touch and release the
target.
FIGURE 10-1:
SUGGESTED TEXT FOR
FIRST CALIBRATION
TARGET
8.
Wait for the user to touch and release the first
calibration point target. Do this by looking for a
controller response of:
<0x55><0x02><0x00> <0x14>
9.
Software must display the second calibration
point target in the upper right quadrant of the
display and prompt the user to touch and
release the target.
FIGURE 10-2:
SUGGESTED TEXT FOR
SECOND CALIBRATION
TARGET
10. Wait for the user to touch and release the
second calibration point target. Do this by
looking
for
a
controller
response
of:
<0x55><0x02><0x00><0x14>
Touch and
Release Target
Touch and
Release Target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com