| Electronic Components Datasheet Search |
|
AR1021-I/ML Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1021-I/ML Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 70 page ![]() 2009-2012 Microchip Technology Inc. Preliminary DS41393B-page 21 AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER 5.0 SPI COMMUNICATIONS SPI operates in Slave mode with an Idle low SCK and data transmitted on the SCK falling edge. 5.1 SPI Hardware Interface A summary of the hardware interface pins is shown below in Table 5-1. SCK Pin • The AR1021 controller’s SCL/SCK/TX pin receives Serial Clock (SCK), controlled by the host. • The Idle state of the SCK should be low. • Data is transmitted on the falling edge of SCK. SDI Pin • The AR1021 controller’s SDI/SDA/RX pin reads Serial Data Input (SDI), sent by the host. SDO Pin • The AR1021 controller’s SDO pin presents Serial Data Output (SDO) to the host. SIQ Pin • The AR1021 controller’s SIQ pin provides an optional interrupt output from the controller to the host. • The SIQ pin is asserted high when the controller has data available (a touch report or a command response) for the host. • The SIQ pin is deasserted after the host clocks out the first byte of the data packet. SS Pin • The AR1021 controller’s SS pin provides optional “slave select” functionality. In the ‘inactive’ state, the controller’s SDO pin presents a high-impedance in order to prevent bus contention with another device on the SPI bus. TABLE 5-1: SPI HARDWARE INTERFACE AR1021 Pin Description M1 Connect to VDD to select SPI communications SDI Serial data sent from master SCK Serial clock to master SDO Serial data to master SPI SIQ Interrupt output to master (optional) SS Slave Select (optional) Note: The AR1000 Development kit PICkit™ Serial Pin 1 is designated for the SIQ interrupt pin after the firmware updated is executed for the PICkit. SS Pin Level AR1021 Select VSS Active VDD Inactive |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |