Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR1010T-I/ML Datasheet(PDF) 43 Page - Microchip Technology

Part # AR1010T-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010T-I/ML Datasheet(HTML) 43 Page - Microchip Technology

Back Button AR1010T-I/ML Datasheet HTML 39Page - Microchip Technology AR1010T-I/ML Datasheet HTML 40Page - Microchip Technology AR1010T-I/ML Datasheet HTML 41Page - Microchip Technology AR1010T-I/ML Datasheet HTML 42Page - Microchip Technology AR1010T-I/ML Datasheet HTML 43Page - Microchip Technology AR1010T-I/ML Datasheet HTML 44Page - Microchip Technology AR1010T-I/ML Datasheet HTML 45Page - Microchip Technology AR1010T-I/ML Datasheet HTML 46Page - Microchip Technology AR1010T-I/ML Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 43
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
0x20
Calibration LR Y-high
0x21
Calibration LL X-low
0x22
Calibration LL X-high
0x23
Calibration LL Y-low
0x24
Calibration LL Y-high
0x25
Calibration Flip State
0x26:0x7E
<Special Use>
0x7F
End of Controller Space
0x80:0xFF
User Space
TABLE 9-7:
AR1011/AR1021 EEPROM
AND REGISTER MAP
EEPROM Address
Function
0x00
Not used
0x01
Configuration Registers –
Block Key
0x02
<Special Use>
0x03
<Special Use>
0x04
Touch Threshold
0x05
Sensitivity Filter
0x06
Sampling Fast
0x07
Sampling Slow
0x08
Accuracy Filter Fast
0x09
Accuracy Filter Slow
0x0A
Speed Threshold
0x0B
<Special Use>
0x0C
Sleep Delay
0x0D
Pen-Up Delay
0x0E
Touch Mode
0x0F
Touch Options
0x10
Calibration Inset
0x11
Pen State Report Delay
0x12
<Special Use>
0x13
Touch Report Delay
0x14
<Special Use>
0x15
Configuration Registers –
Checksum
0x16
Calibration - Block Key
0x17
Calibration UL X-low
0x18
Calibration UL X-high
0x19
Calibration UL Y-low
0x1A
Calibration UL Y-high
0x1B
Calibration UR X-low
0x1C
Calibration UR X-high
TABLE 9-6:
AR1010/AR1020 EEPROM
AND REGISTER MAP
EEPROM Address
Function
0x1D
Calibration UR Y-low
0x1E
Calibration UR Y-high
0x1F
Calibration LR X-low
0x20
Calibration LR X-high
0x21
Calibration LR Y-low
0x22
Calibration LR Y-high
0x23
Calibration LL X-low
0x24
Calibration LL X-high
0x25
Calibration LL Y-low
0x26
Calibration LL Y-high
0x27
Calibration Flip State
0x28
Calibration – Checksum
0x29:0x50
<Special Use>
0x51:0x7F
<Reserved>
0x80:0xFF
User Space
TABLE 9-7:
AR1011/AR1021 EEPROM
AND REGISTER MAP
EEPROM Address
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com