Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT7938A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7938A
Description  High Current and Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7938A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7938A_13 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7938A_13 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.10
4
February 01, 2013
HT7938A
Function Description
VIN Under-Voltage Lockout -- UVLO
ThedevicecontainsanInputUnderVoltageLockout
(UVLO)circuit.ThepurposeoftheUVLOcircuit
istoensurethattheinputvoltageishighenoughfor
reliableoperation.Whentheinputvoltagefallsbelow
theundervoltagethreshold,theinternalFETswitch
isturnedoff.Iftheinputvoltagerisesbytheunder
voltagelockouthysteresis,thedevicewillrestart.
TheUVLOthresholdissetbelowtheminimuminput
voltageof2.6VtoavoidanytransientVINdrops
undertheUVLOthresholdandcausingtheconverter
toturnoff.
Current Limit Protection
Thedevicehasacycle-by-cyclecurrentlimitto
protecttheinternalpowerMOSFET.Iftheinductor
current reaches the current limit threshold, the
MOSFETwillbeturnedoff.Itisimportanttonote
thatthiscurrentlimitwillnotprotecttheoutputfrom
excessivecurrentduringanoutputshortcircuit.Ifan
outputshortcircuithasoccurred,excessivecurrent
candamageboththeinductoranddiode.
Over-Voltage Protection -- OVP
The device provides an over-voltage protection
function.IftheFBpinisshortedtogroundoranLED
isdisconnectedfromthecircuit,theFBpinvoltage
willfalltozeroandtheinternalpowerMOSFETwill
switchwithitsfulldutycycle.Thismaycausethe
outputvoltagetoexceeditsmaximumvoltagerating,
possiblydamagingtheICandexternalcomponents.
Internalover-voltageprotectioncircuitryturnsoffthe
powerMOSFETandshutsdowntheICassoonasthe
outputvoltageexceedstheOVPthreshold.Asaresult,
theoutputvoltagefallstotheleveloftheinputsupply
voltage.Thedeviceremainsinshutdownmodeuntil
thepowerisrestarted.
Over-Temperature Protection -- OTP
A thermal shutdown is implemented to prevent
damagesduetoexcessiveheatandpowerdissipation.
Typicallythethermalshutdownthresholdis150°C.
Whenthethermalshutdownistriggeredthedevice
stopsswitchinguntilthetemperaturefallsbelow
typically125°C.Thenthedevicestartsswitching
again.
Application Information
Inductor Selection
Theselectionoftheinductoraffectssteadystate
operationaswellastransientbehaviorandloop
stability. There are three important electrical
parameters which need to be considered when
choosinganinductor:thevalueofinductor,DCR
(copperwireresistance)andthesaturationcurrent.
Chooseaninductorthatcanhandlethenecessary
peakcurrentwithoutsaturating,andensurethatthe
inductorhasalowDCRtominimisepowerlosses.
A10mH/22mHinductorshouldbeagoodchoicefor
mostHT7938Aapplications.However,amoreexact
inductancevaluecanbecalculated.Agoodrulefor
choosinganinductorvalueistoallowthepeak-to-
peakripplecurrenttobeapproximately30~50%of
themaximuminputcurrent.Calculatetherequired
inductancevalueusingthefollowingequation:
L
L
SW
OU T
I
F
V
D
´
´
=
IN
OU T
IN
V
V
V
-
´
)
(
L
I
I =
D
%)
50
~
%
30
(
´ IN (M AX )
LI
I
I
D
+
=
2
1
IN (M AX )
L( PEAK )
I
=
IN
V
´h
OU T
I
V
´ OU T( MA X)
IN (M AX )
Intheequation above,IOUT(MAX)isthemaximum
loadcurrent,DIListhepeak-to-peakinductorripple
current, ηistheconverter efficiency, FSWisthe
converterfrequencyandIL(PEAK)isthepeakinductor
current.
Output Capacitor Selection
Theoutputcapacitordeterminesthesteadystate
outputvoltageripple.Thevoltagerippleisrelatedto
thecapacitor'scapacitanceanditsESR(Equivalent
SeriesResistance).Aceramiccapacitorwithalow
ESRvaluewillprovidethelowestvoltagerippleand
arethereforerecommended.DuetoitslowESR,the
capacitancevaluecanbecalculatedbytheequation:
out
ri pp le
SW
OU T
V
F
V
C
´
´
=
OU T
IN
O
I
V
V
-
)
(
´
Intheequationabove,Vripple=peaktopeakoutput
ripple,FSWistheswitchingfrequency.
A2.2mF~10mFceramiccapacitorissuitableformost
application.
Input Capacitor Selection
Aninputcapacitorisrequiredtosupplytheripple
currenttotheinductor,whilelimitingnoiseatthe
input source.A low ESR ceramic capacitors is
requiredtokeepthenoiseattheICtoaminimum.
A1mF~10mFceramiccapacitorissuitableformost
application.Thiscapacitormustbeconnectedvery
closetotheVINpinandinductor,withshorttraces
forgoodnoiseperformance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com