Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3911A0T-E/ML Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3911A0T-E/ML
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911A0T-E/ML Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3911A0T-E/ML Datasheet HTML 3Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 4Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 5Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 6Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 7Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 8Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 9Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 10Page - Microchip Technology MCP3911A0T-E/ML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 7
MCP3911
FIGURE 1-1:
Serial Output Timing Diagram.
tMODSU
Modulator Mode Entry to
Modulator Data Present
—100
ns
tDRP
Data Ready Pulse Low Time
1/DMCLK
—µs
TABLE 1-3:
SERIAL AC CHARACTERISTICS TABLE (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at DVDD = 2.7 to 3.6V, TA = -40°C to
+125°C, GAIN = 1, CLOAD = 30pF.
Sym
Characteristics
Min
Typ
Max
Units
Test Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is established by characterization and not production tested.
TABLE 1-4:
TEMPERATURE SPECIFICATIONS TABLE
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7 to 3.6V, DVDD = 2.7 to
3.6V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature
Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 20L
SSOP
θ
JA
—
89.3
—
°C/W
Thermal Resistance, 20L
QFN
θ
JA
—43
—
°C/W
Note 1: The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150C.
tCSH
tDIS
tHI
tLO
fSCK
CS
SCK
SDO
MSB out
LSB out
SDI
Mode 1,1
Mode 0,0
tHO
tDO
DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com