Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM335AH/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM335AH/NOPB
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM335AH/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM335AH/NOPB Datasheet HTML 9Page - Texas Instruments LM335AH/NOPB Datasheet HTML 10Page - Texas Instruments LM335AH/NOPB Datasheet HTML 11Page - Texas Instruments LM335AH/NOPB Datasheet HTML 12Page - Texas Instruments LM335AH/NOPB Datasheet HTML 13Page - Texas Instruments LM335AH/NOPB Datasheet HTML 14Page - Texas Instruments LM335AH/NOPB Datasheet HTML 15Page - Texas Instruments LM335AH/NOPB Datasheet HTML 16Page - Texas Instruments LM335AH/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160D – MAY 1999 – REVISED MARCH 2013
Figure 34. Ground Referred Centigrade Thermometer
Figure 35. Air Flow Detector*
*Self heating is used to detect air flow
DEFINITION OF TERMS
Operating Output Voltage: The voltage appearing across the positive and negative terminals of the device at
specified conditions of operating temperature and current.
Uncalibrated Temperature Error: The error between the operating output voltage at 10 mV/°K and case
temperature at specified conditions of current and case temperature.
Calibrated Temperature Error: The error between operating output voltage and case temperature at 10 mV/°K
over a temperature range at a specified operating current with the 25°C error adjusted to zero.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com