Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMH/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010AMH/NOPB
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010AMH/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5010AMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 10Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 11Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 12Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 13Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 14Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
L1 =
0.40A x 154 kHz x 60V
5V x (60V - 5V)
= 74.4 PH
L1 =
IOR x FS(min) x VIN(max)
VOUT x (VIN(max) - VOUT)
0 mA
IOR
1/Fs
IPK+
IO
IPK-
RON =
5V x (8V - 1.4V)
8V x 175 kHz x 1.18 x 10
-10 - 1.4 k: = 198 k:
LM5010A
LM5010A-Q1
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
www.ti.com
APPLICATIONS INFORMATION
EXTERNAL COMPONENTS
The procedure for calculating the external components is illustrated with a design example. Referring to the
Block Diagram, the circuit is to be configured for the following specifications:
•
VOUT = 5V
•
VIN = 6V to 60V
•
FS = 175 kHz
•
Minimum load current = 200 mA
•
Maximum load current = 1.0A
•
Softstart time = 5 ms
R1 and R2: These resistors set the output voltage, and their ratio is calculated from:
R1/R2 = (VOUT/2.5V) - 1
(10)
R1/R2 calculates to 1.0. The resistors should be chosen from standard value resistors in the range of 1.0 k
Ω - 10
k
Ω. A value of 1.0 kΩ will be used for R1 and for R2.
RON, FS: RON can be chosen using Equation 7 to set the nominal frequency, or from Equation 6 if the on-time at
a particular VIN is important. A higher frequency generally means a smaller inductor and capacitors (value, size
and cost), but higher switching losses. A lower frequency means a higher efficiency, but with larger components.
Generally, if PC board space is tight, a higher frequency is better. The resulting on-time and frequency have a
±25% tolerance. Using Equation 7 at a nominal VIN of 8V,
(11)
A value of 200 k
Ω will be used for RON, yielding a nominal frequency of 161 kHz at VIN = 6V, and 205 kHz at VIN
= 60V.
L1: The guideline for choosing the inductor value in this example is that it must keep the circuit’s operation in
continuous conduction mode at minimum load current. This is not a strict requirement since the LM5010A
regulates correctly when in discontinuous conduction mode, although at a lower frequency. However, to provide
an initial value for L1 the above guideline will be used.
Figure 11. Inductor Current
To keep the circuit in continuous conduction mode, the maximum allowed ripple current is twice the minimum
load current, or 400 mAp-p. Using this value of ripple current, the inductor (L1) is calculated using the following:
(12)
where FS(min) is the minimum frequency of 154 kHz (205 kHz - 25%) at VIN(max).
(13)
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5010A LM5010A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com