Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7705MME/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705MME/NOPB
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705MME/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM7705MME/NOPB Datasheet HTML 6Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 7Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 8Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 9Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 10Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 11Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 12Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 13Page - Texas Instruments LM7705MME/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
I = f
Âq = f CFLY (V1 ± V2)
Âq = q1 -q2 = CFLY (V1 ± V2)
V1
V2
CRES
RL
CFLY
B
A
CFLY
CHARGE
PUMP
INVERTOR
CRESERVE
VREF1
PRE
REGULATOR
VCP,IN
fosc
VOUT
VCP,OUT
POST
REGULATOR
Cout
VDD
VSS
VSS
VREF2
LM7705
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
•
Controlling the power supplied from the power supply to the charge pump input by the pre-regulator
•
The power supplied from the charge pump output to the load by the post-regulator.
A more detailed block diagram of the negative bias generator is given in Figure 24. The control of the pre-
regulator is based on measuring the output voltage of the charge pump. The goal of the post-regulator is to
provide an accurate controlled negative voltage at the output, and acts as a low pass filter to attenuate the output
voltage ripple. The voltage ripple is a result of the switching behavior of the charge pump and is dependent of the
output current and the values of the used capacitors.
Figure 24. Charge Pump Inverter with Input/Output Control
In the next section a simple equation will be derived, that shows the relation between the ripple of the output
current, the frequency of the internal clock generator and the value of the capacitor placed at the output of the
LM7705.
Charge Pump Theory
This section uses a simplified but realistic equivalent circuit that represents the basic function of the charge
pump. The schematic is given in Figure 25.
Figure 25. Charge Pump
When the switch is in position A, capacitor CFLY will charge to voltage V1. The total charge on capacitor CFLY is
Q1 = CFLY x V 1. The switch then moves to position B, discharging CFLY to voltage V2. After this discharge, the
charge on CFLY will be Q2 = CFLY x V2. Note that the charge has been transferred from the source V1 to the
output V2. The amount of charge transferred is:
(1)
When the switch changes between A and B at a frequency f, the charge transfer per unit time, or current is:
(2)
The switched capacitor network can be replaced by an equivalent resistor, as indicated in Figure 26.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com