Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0344SQE/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0344SQE/NOPB
Description  3 Gbps HD/SD SDI Adaptive Cable Equalizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0344SQE/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH0344SQE/NOPB Datasheet HTML 7Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 8Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 9Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 10Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 11Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 12Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 13Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 14Page - Texas Instruments LMH0344SQE/NOPB Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMH0344GR/NOPB
csBGA
NYA
25
1000
210.0
185.0
35.0
LMH0344GRE/NOPB
csBGA
NYA
25
250
210.0
185.0
35.0
LMH0344GRX/NOPB
csBGA
NYA
25
3500
367.0
367.0
35.0
LMH0344SQ/NOPB
WQFN
RUM
16
1000
210.0
185.0
35.0
LMH0344SQE/NOPB
WQFN
RUM
16
250
210.0
185.0
35.0
LMH0344SQX/NOPB
WQFN
RUM
16
4500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com