Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6554LEX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6554LEX/NOPB
Description  LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH6554LEX/NOPB Datasheet HTML 13Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 14Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 15Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 16Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 17Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 18Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 19Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 20Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
VCM
V
+
10 PF
0.1 PF
+
-
0.1 PF
0.01 PF
0.01 PF
VEN
-OUT
+OUT
+IN
-IN
LMH6554
LMH6554
www.ti.com
SNOSB30O – OCTOBER 2008 – REVISED MARCH 2013
Figure 38. Single Supply Bypassing Capacitors
Power Dissipation
The LMH6554 is optimized for maximum speed and performance in a small form factor 14 lead UQFN package.
To ensure maximum output drive and highest performance, thermal shutdown is not provided. Therefore, it is of
utmost importance to make sure that the TJMAX is never exceeded due to the overall power dissipation.
Follow these steps to determine the maximum power dissipation for the LMH6554:
1. Calculate the quiescent (no-load) power:
PAMP = ICC * (VS)
where
•
VS = V
+ − V-. (Be sure to include any current through the feedback network if V
CM is not mid-rail)
(1)
2. Calculate the RMS power dissipated in each of the output stages:
PD (rms) = rms ((VS − V+OUT) * I+OUT) + rms ((VS − V-OUT) * I-OUT)
where
•
VOUT and IOUT are the voltage
•
the current measured at the output pins of the differential amplifier as if they were single ended amplifiers
•
VS is the total supply voltage
(2)
3. Calculate the total RMS power:
PT = PAMP + PD
(3)
The maximum power that the LMH6554 package can dissipate at a given temperature can be derived with the
following equation:
PMAX = (150° − TAMB)/ θJA
where
•
TAMB = Ambient temperature (°C)
•
θJA = Thermal resistance, from junction to ambient, for a given package (°C/W)
•
For the 14 lead UQFN package,
θJA is 60°C/W
(4)
NOTE
If VCM is not 0V then there will be quiescent current flowing in the feedback network. This
current should be included in the thermal calculations and added into the quiescent power
dissipation of the amplifier.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com