Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3876ESX-ADJ/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3876ESX-ADJ/NOPB
Description  LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3876ESX-ADJ/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP3876ESX-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LP3876-ADJ
SNVS245C – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. TO-220-5 Package (Top View)
Figure 2. DDPAK/TO-263-5 Package (Top View)
Bent, Staggered Leads
Table 1. PIN DESCRIPTION for TO-220-5 and DDPAK/TO-263-5 Packages
LP3876-ADJ
Pin #
Name
Function
1
SD
Shutdown
2
VIN
Input Supply
3
GND
Ground
4
VOUT
Output Voltage
5
ADJ
Set Output Voltage
BLOCK DIAGRAM LP3876-ADJ
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3876-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com