Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1720E/2K Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1720E/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1720E/2K Datasheet(HTML) 4 Page - Texas Instruments

  PCM1720E/2K Datasheet HTML 1Page - Texas Instruments PCM1720E/2K Datasheet HTML 2Page - Texas Instruments PCM1720E/2K Datasheet HTML 3Page - Texas Instruments PCM1720E/2K Datasheet HTML 4Page - Texas Instruments PCM1720E/2K Datasheet HTML 5Page - Texas Instruments PCM1720E/2K Datasheet HTML 6Page - Texas Instruments PCM1720E/2K Datasheet HTML 7Page - Texas Instruments PCM1720E/2K Datasheet HTML 8Page - Texas Instruments PCM1720E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
PCM1720
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = VDD = +5V, fS = 44.1kHz, 16-bit input data, unless otherwise noted. Measurement bandwidth is 20kHz
DYNAMIC PERFORMANCE
THD+N vs V
CC, VDD
V
CC, VDD (V)
–84
–86
–88
–90
–92
–94
–30
–34
–38
4.5
5.0
5.5
f
S = 96kHz
f
S = 44.1kHz
DYNAMIC RANGE and SNR vs V
CC, VDD
V
CC, VDD
100
98
96
94
92
90
3.5
4.0
4.5
5.0
5.5
6.0
SNR
Dynamic
Range
THD+N vs TEMPERATURE
Temperature (°C)
–84
–86
–88
–90
–92
–90
–25
0
25
50
75
85
100
f
S = 96kHz
f
S = 44.1kHz
THD+N and DYNAMIC RANGE vs f
S
Sampling Frequency, f
S (kHz)
–86
–88
–90
–92
–94
90
92
94
96
98
44.1
48
88.2
96
Dynamic Range
THD+N
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com