Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL16C554APNR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C554APNR
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554APNR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL16C554APNR Datasheet HTML 16Page - Texas Instruments TL16C554APNR Datasheet HTML 17Page - Texas Instruments TL16C554APNR Datasheet HTML 18Page - Texas Instruments TL16C554APNR Datasheet HTML 19Page - Texas Instruments TL16C554APNR Datasheet HTML 20Page - Texas Instruments TL16C554APNR Datasheet HTML 21Page - Texas Instruments TL16C554APNR Datasheet HTML 22Page - Texas Instruments TL16C554APNR Datasheet HTML 23Page - Texas Instruments TL16C554APNR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
accessible registers
The system programmer, using the CPU, has access to and control over any of the ACE registers that are
summarized in Table 1. These registers control ACE operations, receive data, and transmit data. Descriptions
of these registers follow Table 3.
Table 3. Summary of Accessible Registers
ADDRES
REGISTER
REGISTER ADDRESS
ADDRES
S
REGISTER
MNEMONIC
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
RBR
(read only)
Data Bit 7
(MSB)
Data Bit 6
Data Bit 5
Data
Bit 4
Data Bit 3
Data Bit 2
Data Bit 1
Data Bit 0
(LSB)
0
THR
(write only)
Data BIt 7
Data BIt 6
Data BIt 5
Data
BIt 4
Data BIt 3
Data BIt 2
Data BIt 1
Data BIt 0
0†
DLL
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1†
DLM
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
1
IER
0
0
0
0
(EDSSI)
Enable
modem
status
interrupt
(ERLSI)
Enable
receiver
line status
interrupt
(ETBEI)
Enable
transmitter
holding
register empty
interrupt
(ERBI)
Enable
received
data
available
interrupt
2
FCR
(write only)
Receiver
Trigger
(MSB)
Receiver
Trigger
(LSB)
Reserved
Reserved
DMA
mode
select
Transmit
FIFO reset
Receiver
FIFO reset
FIFO Enable
2
IIR
(read only)
FIFOs
Enabled‡
FIFOs
Enabled‡
0
0
Interrupt
ID Bit (3)‡
Interrupt ID
Bit (2)
Interrupt ID
Bit (1)
0 If interrupt
pending
3
LCR
(DLAB)
Divisor
latch
access bit
Set break
Stick parity
(EPS)
Even-
parity
select
(PEN)
Parity
enable
(STB)
Number of
stop bits
(WLSB1)
Word-length
select bit 1
(WLSB0)
Word-length
select bit 0
4
MCR
0
0
Autoflow
control
enable
(AFE)
Loop
OUT2
Enable
external
interrupt
(INT)
Reserved
(RTS)
Request to
send
(DTR) Data
terminal
ready
5
LSR
Error in
receiver
FIFO‡
(TEMT)
Transmitter
registers
empty
(THRE)
Transmitter
holding
register
empty
(BI)
Break
interrupt
(FE)
Framing
error
(PE)
Parity error
(OE)
Overrun error
(DR)
Data ready
6
MSR
(DCD)
Data
carrier
detect
(RI)
Ring
indicator
(DSR)
Data set
ready
(CTS)
Clear to
send
(
ΔDCD)
Delta data
carrier
detect
(TERI)
Trailing
edge ring
indicator
(
ΔDSR)
Delta data
set ready
(
ΔCTS)
Delta
clear to send
7
SCR
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
† DLAB = 1
‡ These bits are always 0 when FIFOs are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com