Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW88N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW88N65M5
Description  N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW88N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STW88N65M5 Datasheet HTML 1Page - STMicroelectronics STW88N65M5 Datasheet HTML 2Page - STMicroelectronics STW88N65M5 Datasheet HTML 3Page - STMicroelectronics STW88N65M5 Datasheet HTML 4Page - STMicroelectronics STW88N65M5 Datasheet HTML 5Page - STMicroelectronics STW88N65M5 Datasheet HTML 6Page - STMicroelectronics STW88N65M5 Datasheet HTML 7Page - STMicroelectronics STW88N65M5 Datasheet HTML 8Page - STMicroelectronics STW88N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID022522 Rev 4
3/15
STW88N65M5, STWA88N65M5
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
84
A
ID
Drain current (continuous) at TC = 100 °C
50.5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
336
A
PTOT
Total dissipation at TC = 25 °C
450
W
IAR
Max current during repetitive or single pulse avalanche
(pulse width limited by TJMAX)
15
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
2000
mJ
dv/dt (2)
2.
ISD ≤ 84 A, di/dt = 400 A/µs, peak VDS < V(BR)DSS, VDD = 400 V
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.28
°C/W
Rthj-amb Thermal resistance junction-ambient max
50
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com