Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL57N65M5 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STL57N65M5
Description  N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL57N65M5 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STL57N65M5 Datasheet HTML 8Page - STMicroelectronics STL57N65M5 Datasheet HTML 9Page - STMicroelectronics STL57N65M5 Datasheet HTML 10Page - STMicroelectronics STL57N65M5 Datasheet HTML 11Page - STMicroelectronics STL57N65M5 Datasheet HTML 12Page - STMicroelectronics STL57N65M5 Datasheet HTML 13Page - STMicroelectronics STL57N65M5 Datasheet HTML 14Page - STMicroelectronics STL57N65M5 Datasheet HTML 15Page - STMicroelectronics STL57N65M5 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STL57N65M5
Revision history
Doc ID 022996 Rev 2
15/16
6
Revision history
Table 9.
Document revision history
Date
Revision
Changes
14-May-2012
1
First release.
25-Jan-2013
2
– Modified: ID value and note1 on first page
– Modified: ID, PTOT, IAR values, and note1, 4 on Table 2
– Modified: Rthj-case value on Table 3
– Modified: RDS(on) on Table 4
– Modified: typical values on Table 5 and 6
– Modified: typical and max values on Table 7
– Inserted: Section 2.1: Electrical characteristics (curves)
– Document staus promoted from preliminary data to production
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com