Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2322IPWLE Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2322IPWLE
Description  LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2322IPWLE Datasheet(HTML) 1 Page - Texas Instruments

  TLV2322IPWLE Datasheet HTML 1Page - Texas Instruments TLV2322IPWLE Datasheet HTML 2Page - Texas Instruments TLV2322IPWLE Datasheet HTML 3Page - Texas Instruments TLV2322IPWLE Datasheet HTML 4Page - Texas Instruments TLV2322IPWLE Datasheet HTML 5Page - Texas Instruments TLV2322IPWLE Datasheet HTML 6Page - Texas Instruments TLV2322IPWLE Datasheet HTML 7Page - Texas Instruments TLV2322IPWLE Datasheet HTML 8Page - Texas Instruments TLV2322IPWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLV2322, TLV2322Y, TLV2324, TLV2324Y
LinCMOS
™ LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS187 – FEBRUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Range of Supply Voltages Over
Specified Temperature Range:
TA = –40°C to 85°C...2 V to 8 V
D Fully Characterized at 3 V and 5 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail and up to
VDD –1 V at TA = 25°C
D Output Voltage Range Includes Negative
Rail
D High Input Impedance...1012 Ω Typical
D ESD-Protection Circuitry
D Designed-In Latch-Up Immunity
description
The TLV232x operational amplifiers are in a family
of devices that has been specifically designed for
use in low-voltage single-supply applications.
This amplifier is especially well suited to
ultra-low-power systems that require devices to
consume the absolute minimum of supply
currents. Each amplifier is fully functional down to
a minimum supply voltage of 2 V, is fully
characterized, tested, and specified at both 3-V
and 5-V power supplies. The common-mode input
voltage range includes the negative rail and
extends to within 1 V of the positive rail.
These amplifiers are specifically targeted for use
in
very
low-power,
portable,
battery-driven
applications with the maximum supply current per
operational amplifier specified at only 27
µA over
its full temperature range of – 40
°C to 85°C.
AVAILABLE OPTIONS
V
max AT
PACKAGED DEVICES
CHIP FORM§
TA
VIOmax AT
25
°C
SMALL OUTLINE†
(D)
PLASTIC DIP
(N)
PLASTIC DIP
(P)
TSSOP‡
(PW)
CHIP FORM§
(Y)
40
°Cto85°C
9 mV
TLV2322ID
—
TLV2322IP
TLV2322IPWLE
TLV2322Y
– 40
°C to 85°C
10 mV
TLV2324ID
TLV2324IN
—
TLV2324IPWLE
TLV2324Y
† The D package is available taped and reeled. Add R suffix to the device type (e.g., TLV2322IDR).
‡ The PW package is only available left-end taped and reeled (e.g., TLV2322IPWLE).
§ Chip forms are tested at 25
°C only.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD
2OUT
2IN –
2IN +
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN +
VDD –/GND
VDD+
2OUT
2IN –
2IN +
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN +
VDD+
2IN +
2IN –
2OUT
4OUT
4IN –
4IN +
VDD –/GND
3IN +
3IN –
3OUT
1
14
8
7
4OUT
4IN –
4IN +
VDD –/GND
3IN +
3IN –
3OUT
1OUT
1IN –
1IN +
VDD+
2IN +
2IN –
2OUT
TLV2322
D OR P PACKAGE
(TOP VIEW)
TLV2322
PW PACKAGE
(TOP VIEW)
TLV2324
D OR N PACKAGE
(TOP VIEW)
TLV2324
PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV2322IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2322IPWLE TI-TLV2322IPWLE Datasheet
502Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322IPWLE TI2-TLV2322IPWLE Datasheet
553Kb / 34P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
FEBRUARY 1997
More results

Similar Description - TLV2322IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com