Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC02AD112 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC02AD112
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC02AD112 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC02AD112 Datasheet HTML 1Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 2Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 3Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 4Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 5Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 6Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 7Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 8Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVC02A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 November 2011
2 of 14
NXP Semiconductors
74LVC02A
Quad 2-input NOR gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram for one gate
mna216
1A
1B
1Y
3
2
1
2A
2B
2Y
6
5
4
3A
3B
3Y
9
8
10
4A
4B
4Y
12
11
13
mna217
1
1
1
1
1
3
2
4
6
5
10
9
8
13
12
11
mna215
A
B
Y
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
02
1Y
VCC
1A
4Y
1B
4B
2Y
4A
2A
3Y
2B
3B
GND
3A
001aac919
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac920
02
Transparent top view
2B
3B
2A
3Y
2Y
4A
1B
4B
1A
4Y
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com