Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASSR-401C Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-401C
Description  Low C x R, Form A, Solid State Relay (Photo MOSFET) (400V/100/15pF)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-401C Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASSR-401C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASSR-401C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASSR-401C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-401C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-401C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-401C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-401C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Schematic
ASSR-401C
ASSR-402C
1
2
4
3
1
2
4
3
Opto-isolation
1
2
4
3
1
2
4
3
Equivalent
Relay
Diagram
Opto-isolation
Opto-isolation
1
2
3
4
8
7
6
5
1
2
8
7
3
4
6
5
Equivalent
Opto-isolation
Relay
Diagram
Ordering Information
ASSR-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Accept-
ance Notice #5.
Part number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
Quantity
RoHS Compliant
ASSR-401C
-003E
SO-4
X
100 units per tube
-503E
X
X
1500 units per reel
ASSR-402C
-002E
300 mil
DIP-8
50 units per tube
-302E
X
X
50 units per tube
-502E
X
X
X
1000 units per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ASSR-401C-503E to order product of Surface Mount SO-4 package in Tape and Reel packaging and RoHS Compli-
ant.
Example 2:
ASSR-402C-002E to order product of 300mil DIP-8 package in tube packaging and RoHS Compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com