Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTP160N075T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP160N075T
Description  Preliminary Technical Information TrenchMVTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP160N075T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP160N075T Datasheet HTML 1Page - IXYS Corporation IXTP160N075T Datasheet HTML 2Page - IXYS Corporation IXTP160N075T Datasheet HTML 3Page - IXYS Corporation IXTP160N075T Datasheet HTML 4Page - IXYS Corporation IXTP160N075T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA160N075T
IXTP160N075T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 60 A, Note 1
65
100
S
C
iss
4950
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
790
pF
C
rss
145
pF
t
d(on)
Resistive Switching Times
29
n s
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 25 A
64
ns
t
d(off)
R
G = 5 Ω (External)
60
ns
t
f
60
ns
Q
g(on)
112
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 25 A
30
nC
Q
gd
30
nC
R
thJC
0.42
°C/W
R
thCH
TO-220
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0 V
160
A
I
SM
Pulse width limited by T
JM
430
A
V
SD
I
F = 25 A, VGS = 0 V, Note 1
1.0
V
t
rr
I
F = 25 A, -di/dt = 100 A/μs80
ns
V
R = 40 V, VGS = 0 V
Notes: 1. Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %;
2. On through-hole packages, R
DS(on)
Kelvin test contact
location must be 5 mm or less from the package body.
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
TO-263 (IXTA) Outline
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
TO-220 (IXTP) Outline
PRELIMINARYTECHNICALINFORMATION
The product presented herein is under development. The Technical Specifications
offered are derived from data gathered during objective characterizations of preliminary
engineering lots; but also may yet contain some information supplied during a pre-
production design evaluation. IXYS reserves the right to change limits, test conditions,
and dimensions without notice.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2
7,071,537



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com