Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIPER50A-22-E Datasheet(PDF) 26 Page - STMicroelectronics

Part # VIPER50A-22-E
Description  ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A-22-E Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VIPER50A-22-E Datasheet HTML 22Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 23Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 24Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 25Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 26Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 27Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 28Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 29Page - STMicroelectronics VIPER50A-22-E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
8 Package Mechanical Data
VIPer50A-E/ASP-E
26/31
Figure 25. Pentawatt HV Tube Shipment ( no suffix )
All dimensions are in mm.
Base Q.ty
50
Bulk Q.ty
1000
Tube length (
± 0.5 )
532
A
18
B
33.1
C (
± 0.1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com