Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6601-IL/F Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # 71M6601-IL/F
Description  Isolated Sensor ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6601-IL/F Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 71M6601-IL/F Datasheet HTML 2Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 3Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 4Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 5Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 6Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 7Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 8Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 9Page - Maxim Integrated Products 71M6601-IL/F Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
71M6xxx Data Sheet
6
The shunt resistance must be balanced with the maximum current range of the part type, as shown in
Table 2. Various combinations of current ranges and shunt resistance values are possible. However, the
shunt resistance for a given current has to be chosen carefully as not to exceed the maximum RMS
voltage at the INP/INN pins of the 71M6xxx. The maximum wattage of the shunt resistor is another
consideration that applies to the resistance range of the shunt.
Table 2: Product Variations
Part
Application
1
Maximum
Current
(A)
Accuracy
Class
2
(%)
Maximum
RMS
Voltage at
INP/INN
(mV)
Maximum
Shunt
Resistance
3
(
µΩ)
Shunt
Power
4
(W)
Typical
Shunt
Resistance
5
(
µΩ)
71M6601
S
60
1
44
736
1.44
400
71M6603
P
1
71M6103
P
100
1
19.6
196
1.2
120
71M6113
0.5
71M6201
S
200
0.2
12.6
63
2.0
50
71M6203
P
0.2
Note 1: S = single phase, P = polyphase.
Note 2: Accuracy over temperature (-40°C to +85°C for 71M620x parts, -20°C to +60° for all other parts), when combined with
71M654x or 71M654xH IC.
Note 3: Maximum resistance at maximum current.
Note 4: Power at maximum current and typical shunt resistance.
Note 5: Typical resistance values provide room for overhead while maintaining optimum dynamic range.
The inputs of the preamplifier are referenced to local ground (the GND pin of the 71M6xxx). This means
that in an isolated system, the INP and INN pins have to be biased towards this local GND. See 3.2.1
Current Sensor Side for details.
3.2
External Components for the 71M6xxx
3.2.1
Current Sensor Side
Figure 2 shows the external components required for the 71M6xxx. It is recommended to use the
following components:
•
1.0
µF capacitor between the GND and VCC pins. This capacitor minimizes the VCC ripple
voltage.
•
One 1k
Ω resistor each from the sensor output pins to GND. These resistors help to bias the input
voltage at the INP and INN pins towards GND.
•
In environments where EMC is a concern, ferrite beads can be placed between the sense pins of
the shunt resistor and the INP/INN pins of the 71M6xxx.
3.2.2
Pulse Transformer
A low-cost pulse transformer is used for the link between the 71M654x and the 71M6xxx. It is the
responsibility of the meter system designer to qualify the transformer used in the system over the required
operating temperature range. The following commercially available transformer is suitable for this
application:
•
Würth Electronics Midcom Inc., P/N 750-11-0056 REV 2 (www.midcom-inc.com)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com