Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTP76N25T Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXTP76N25T
Description  Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP76N25T Datasheet(HTML) 6 Page - IXYS Corporation

  IXTP76N25T Datasheet HTML 1Page - IXYS Corporation IXTP76N25T Datasheet HTML 2Page - IXYS Corporation IXTP76N25T Datasheet HTML 3Page - IXYS Corporation IXTP76N25T Datasheet HTML 4Page - IXYS Corporation IXTP76N25T Datasheet HTML 5Page - IXYS Corporation IXTP76N25T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA76N25T IXTH76N25T
IXTI76N25T IXTP76N25T IXTQ76N25T
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
8
10
12
14
16
18
20
22
24
26
28
30
32
34
15
20
25
30
35
40
45
50
55
60
65
70
75
80
ID - Amperes
RG = 3.3Ω
VGS = 15V
VDS = 125V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
10
12
14
16
18
20
22
24
26
28
30
3
4
5
6
7
8
9
10
11
12
13
14
15
RG - Ohms
20
21
22
23
24
25
t r
td(on) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 76A
I D = 38A
I D =
38A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
16
18
20
22
24
26
28
30
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
44
47
50
53
56
59
62
65
t f
td(off) - - - -
RG = 3.3Ω, VGS = 15V
VDS = 125V
I D = 38A
I D = 76A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
12
14
16
18
20
22
24
26
28
30
15
20
25
30
35
40
45
50
55
60
65
70
75
80
ID - Amperes
43
46
49
52
55
58
61
64
67
70
t f
td(off) - - - -
RG = 3.3Ω, VGS = 15V
VDS = 125V
TJ = 125ºC
TJ = 25ºC
TJ = 125ºC
TJ = 25ºC
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
10
20
30
40
50
60
70
80
3
4
5
6
7
8
9
10
11
12
13
14
15
RG - Ohms
50
70
90
110
130
150
170
190
t f
td(off) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 38A, 76A
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
10
12
14
16
18
20
22
24
26
28
30
32
34
25
35
45
55
65
75
85
95
105
115
125
T J - Degrees Centigrade
RG = 3.3Ω
VGS = 15V
VDS = 125V
I D = 38A
I D = 76A
IXYS REF: T_76N25T(6E)06-28-06



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com