Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G3VM-351G Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-351G
Description  Wide Range of Contact Forms, Sizes and Package Types
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-351G Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-351G Datasheet HTML 1Page - Omron Electronics LLC G3VM-351G Datasheet HTML 2Page - Omron Electronics LLC G3VM-351G Datasheet HTML 3Page - Omron Electronics LLC G3VM-351G Datasheet HTML 4Page - Omron Electronics LLC G3VM-351G Datasheet HTML 5Page - Omron Electronics LLC G3VM-351G Datasheet HTML 6Page - Omron Electronics LLC G3VM-351G Datasheet HTML 7Page - Omron Electronics LLC G3VM-351G Datasheet HTML 8Page - Omron Electronics LLC G3VM-351G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
24
MOS FET Relays
G3VM Series
Selection Guide
Load
voltage
Contact
form
Package/
Terminal
shape
No. of
terminals
Model
Load
current
(mA)
Voltage
withstand
(VAC)
ON
resistance
(max.)
Output
capacitance
Additional
features
Page no.
20V
1 Form A SMT
8
G3VM-22FO
150
2,500
4
Ω
8 pF (typ.)
Low ON
resistance
62
SOP
4
G3VM-21GR
160
1,500
8
Ω
2.5 pF (max.)
Low pF•
Ω
70
G3VM-21GR1
300
1,500
1.5
Ω
12 pF (max.)
Low pF•
Ω
70
SSOP
4
G3VM-21LR
150
1,500
8
Ω
12 pF (max.)
—
88
G3VM-21LR1
300
1,500
1.5
Ω
12 pF (max.)
Low pF•
Ω
88
40V
1 Form A SOP
4
G3VM-41GR3
80
1,500
37
Ω
1.4 pF (max.)
—
72
G3VM-41GR4
250
1,500
3
Ω
7 pF (max.)
Low pF•
Ω
74
G3VM-41GR5
300
1,500
1.5
Ω
14 pF (max.)
Low pF•
Ω
74
G3VM-41GR6
120
1,500
15
Ω
2 pF (max.)
Low pF•
Ω
74
SSOP
4
G3VM-41LR3
80
1,500
35
Ω
1.4 pF (max.)
—
88
G3VM-41LR4
250
1,500
3
Ω
7 pF (max.)
Low pF•
Ω
90
G3VM-41LR5
300
1,500
1.5
Ω
14 pF (max.)
Low pF•
Ω
90
G3VM-41LR6
120
1,500
15
Ω
2 pF (max.)
Low pF•
Ω
90
60V
1 Form A Thru-hole
4
G3VM-61A
500
2,500
2
Ω
140 pF (max.)
Low ON
resistance
32
G3VM-61A1
500
2,500
2
Ω
130 pF (typ.)
Low ON
resistance
34
6
G3VM-61B
500
2,500
2
Ω
140 pF (max.)
Low ON
resistance
38
G3VM-61B1
500
2,500
2
Ω
130 pF (typ.)
Low ON
resistance
40
G3VM-V
300
2,500
2
Ω
170 pF (typ.)
Low ON
resistance
40
8
G3VM-61CP
500
2,500
0.6
Ω
500 pF (max.)
Low ON
resistance
42
G3VM-61CR
2000
1,500
0.12
Ω
1400 pF (max.) Low ON
resistance
44
SMT
4
G3VM-61D
500
2,500
2
Ω
140 pF (max.)
Low ON
resistance
52
G3VM-61D1
500
2,500
2
Ω
130 pF (typ.)
Low ON
resistance
54
6
G3VM-61E
500
2,500
2
Ω
140 pF (max.)
Low ON
resistance
58
G3VM-61E1
500
2,500
2
Ω
130 pF (typ.)
Low ON
resistance
60
60 V
1 Form A SMT
6
G3VM-VF
300
2,500
2
Ω
170 pF (typ.)
Low ON
resistance
60
8
G3VM-61FP
500
2,500
0.6
Ω
500 pF (max.)
Low ON
resistance
64
G3VM-61FR
2000
1,500
0.12
Ω
1400 pF (max.) Low ON
resistance
64
SOP
4
G3VM-61G1
400
1,500
2
Ω
130 pF (typ.)
Low ON
resistance
76
G3VM-S1
400
1,500
2
Ω
140 pF (max.)
Low ON
resistance
76
6
G3VM-61H1
400
1,500
2
Ω
130 pF (typ.)
Low ON
resistance
80
2 Form A Thru-hole
8
G3VM-62C1
500
2,500
2
Ω
130 pF (typ.)
Low ON
resistance
46
SMT
8
G3VM-62F1
500
2,500
2
Ω
130 pF (typ.)
Low ON
resistance
66
SOP
8
G3VM-62J1
400
1,500
2
Ω
130 pF (typ.)
Low ON
resistance
84
G3VM-SY
300
1,500
2
Ω
140 pF (max.)
Low ON
resistance
86
80 V
1 Form A SOP
4
G3VM-81G1
350
1,500
1.2
Ω
40 pF (max.)
Low ON
resistance
76
6
G3VM-81HR
1250
1,500
0.15
Ω
1000 pF (max.) Low ON
resistance
80
200 V
1 Form A SOP
4
G3VM-S5
150
1,500
8
Ω
100 pF (typ.)
—
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com