Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1740300-2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # 1740300-2
Description  Connectivity Systems for PV Manufacturers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1740300-2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button 1740300-2 Datasheet HTML 13Page - STMicroelectronics 1740300-2 Datasheet HTML 14Page - STMicroelectronics 1740300-2 Datasheet HTML 15Page - STMicroelectronics 1740300-2 Datasheet HTML 16Page - STMicroelectronics 1740300-2 Datasheet HTML 17Page - STMicroelectronics 1740300-2 Datasheet HTML 18Page - STMicroelectronics 1740300-2 Datasheet HTML 19Page - STMicroelectronics 1740300-2 Datasheet HTML 20Page - STMicroelectronics 1740300-2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
Technical Data
Materials
Housing : PPO (polyphenylene oxide),
UV F1 rated material
Electrical Features
Rated Current : 11A (crystalline)
and 3A (thin film)
Voltage : 1000V DC
Mechanical Features
Temperature Range : -40°C to + 85°C
Protection Level : IP 67
Application Cable : 2.5 mm2 and 4.0 mm2
Standards
TÜV approved
Straddle Edge Junction box
Straddle Edge Junction Box
Part Number
Description
Diodes
Rated Current
(IEC 61215, Edition 2)
(Ampere)
Connection Type
1971569-1
SOLARLOK straddle edge
junction box (11A)
1
11
Specific Connector System
1971569-2
SOLARLOK straddle edge
junction box (3A)
1
3
Specific Connector System
Note: The cable assemblies for straddle edge junction boxes are available upon request
Accessories
Part Number
Description
1971131-1
Plus Socket Connector
1971131-2
Minus Socket Connetcor
1971133-1
End Socket Connector
Note : Connection of foil
by soldering.
Required potting material please
see application specification.
131
37.2
52.7
52.7
10
10
10
10
10
Features & Benefits
•
For both crystalline and thin film
applications
•
One of the smallest edge junction
boxes on the market
•
Modular design can meet various size
module application requirements
•
Connectorized junction box
termination allows for easy and
reliable field installations
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com