Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX7050GS Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX7050GS
Description  0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX7050GS Datasheet(HTML) 4 Page - Motorola, Inc

  MPX7050GS Datasheet HTML 1Page - Motorola, Inc MPX7050GS Datasheet HTML 2Page - Motorola, Inc MPX7050GS Datasheet HTML 3Page - Motorola, Inc MPX7050GS Datasheet HTML 4Page - Motorola, Inc MPX7050GS Datasheet HTML 5Page - Motorola, Inc MPX7050GS Datasheet HTML 6Page - Motorola, Inc MPX7050GS Datasheet HTML 7Page - Motorola, Inc MPX7050GS Datasheet HTML 8Page - Motorola, Inc MPX7050GS Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MPX7050 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die from the environment. The Motorola
MPX pressure sensor is designed to operate with positive
differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX7050D
344–15C
Stainless Steel Cap
MPX7050DP
344C–01
Side with Part Marking
MPX7050GP
344B–01
Side with Port Attached
MPX7050GVP
344D–01
Stainless Steel Cap
MPX7050GS
344E–01
Side with Port Attached
MPX7050GVS
344A–01
Stainless Steel Cap
MPX7050GSX
344F–01
Side with Port Attached
MPX7050GVSX
344G–01
Stainless Steel Cap
ORDERING INFORMATION
MPX7050 series pressure sensors are available in differential and gauge configurations. Devices are available in the basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
Case 344–15
MPX7050D
MPX7050D
Ported Elements
Differential, Dual Ported
Case 344C–01
MPX7050DP
MPX7050DP
Gauge
Case 344B–01
MPX7050GP
MPX7050GP
Gauge, Vacuum
Case 344D–01
MPX7050GVP
MPX7050GVP
Gauge, Stove Pipe
Case 344E–01
MPX7050GS
MPX7050D
Gauge, Vacuum Stove Pipe
Case 344A–01
MPX7050GVS
MPX7050D
Gauge, Axial
Case 344F–01
MPX7050GSX
MPX7050D
Gauge, Vacuum Axial
Case 344G–01
MPX7050GVSX
MPX7050D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com