Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF8NM50N Datasheet(PDF) 18 Page - STMicroelectronics

Part # STF8NM50N
Description  N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NM50N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STF8NM50N Datasheet HTML 11Page - STMicroelectronics STF8NM50N Datasheet HTML 12Page - STMicroelectronics STF8NM50N Datasheet HTML 13Page - STMicroelectronics STF8NM50N Datasheet HTML 14Page - STMicroelectronics STF8NM50N Datasheet HTML 15Page - STMicroelectronics STF8NM50N Datasheet HTML 16Page - STMicroelectronics STF8NM50N Datasheet HTML 17Page - STMicroelectronics STF8NM50N Datasheet HTML 18Page - STMicroelectronics STF8NM50N Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STD8NM50N, STP8NM50N, STU8NM50N
18/19
Doc ID 17413 Rev 6
6
Revision history
Table 13.
Document revision history
Date
Revision
Changes
20-Apr-2010
1
First release.
03-Sep-2010
2
Document status promoted from preliminary data to datasheet.
Inserted Section 2.1: Electrical characteristics (curves).
Corrected RDS(on) max value in: Features.
03-Feb-2011
3
Modified: Figure 4.
Modified: note 1.
Modified: Table 5.
21-Oct-2011
4
Updated VDSS (@Tjmax) in cover page.
Updated Section 4: Package mechanical data.
Minor text changes.
15-Nov-2011
5
The part number STF8NM50N has been moved to a separate
datasheet.
13-Sep-2012
6
Figure 2 and Figure 4 have been modified.
Section 4: Package mechanical data has been updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com