Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32L152C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32L152C8 Datasheet HTML 75Page - STMicroelectronics STM32L152C8 Datasheet HTML 76Page - STMicroelectronics STM32L152C8 Datasheet HTML 77Page - STMicroelectronics STM32L152C8 Datasheet HTML 78Page - STMicroelectronics STM32L152C8 Datasheet HTML 79Page - STMicroelectronics STM32L152C8 Datasheet HTML 80Page - STMicroelectronics STM32L152C8 Datasheet HTML 81Page - STMicroelectronics STM32L152C8 Datasheet HTML 82Page - STMicroelectronics STM32L152C8 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
79/121
6.3.12
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 42 are derived from tests
performed under conditions summarized in Table 14. All I/Os are CMOS and TTL compliant.
Table 42.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
TTL ports
2.7 V
≤ VDD≤ 3.6 V
VSS - 0.3
0.8
V
VIH
Standard I/O input high level voltage
2(1)
VDD+0.3
FT(2) I/O input high level voltage
5.5V
VIL
Input low level voltage
CMOS ports
1.65 V
≤ VDD≤ 3.6 V
–0.3
0.3VDD
(3)
VIH
Standard I/O Input high level voltage
CMOS ports
1.65 V
≤ VDD≤ 3.6 V
0.7
VDD
(3)(4)
VDD+0.3
FT(5) I/O input high level voltage
CMOS ports
1.65 V
≤ VDD≤ 2.0 V
5.25
CMOS ports
2.0 V
≤ VDD≤ 3.6 V
5.5
Vhys
Standard I/O Schmitt trigger voltage
hysteresis(6)
10% VDD
(7)
Ilkg
Input leakage current (8)(3)
VSS ≤ VIN ≤ VDD
I/Os with LCD
±50
nA
VSS ≤ VIN ≤ VDD
I/Os with analog switches
±50
VSS ≤ VIN ≤ VDD
I/Os with analog switches
and LCD
±50
VSS ≤ VIN ≤ VDD
I/Os with USB
TBD
VSS ≤ VIN ≤ VDD
Standard I/Os
±50
RPU
Weak pull-up equivalent resistor(9)(3)
VIN = VSS
30
45
60
k
Ω
RPD
Weak pull-down equivalent resistor(9)(3)
VIN = VDD
30
45
60
k
Ω
CIO
I/O pin capacitance
5
pF
1.
Guaranteed by design.
2.
FT = 5V tolerant. To sustain a voltage higher than VDD +0.5 the internal pull-up/pull-down resistors must be disabled.
3.
Tested in production
4.
0.7VDD for 5V-tolerant receiver
5.
FT = Five-volt tolerant.
6.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
7.
With a minimum of 200 mV. Based on characterization, not tested in production.
8.
The max. value may be exceeded if negative current is injected on adjacent pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com